Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STD10PF06 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD10PF06
Description  P-CHANNEL 60V - 0.18 Ohm - 10A IPAK/DPAK STripFET II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10PF06 Datasheet(HTML) 1 Page - STMicroelectronics

  STD10PF06 Datasheet HTML 1Page - STMicroelectronics STD10PF06 Datasheet HTML 2Page - STMicroelectronics STD10PF06 Datasheet HTML 3Page - STMicroelectronics STD10PF06 Datasheet HTML 4Page - STMicroelectronics STD10PF06 Datasheet HTML 5Page - STMicroelectronics STD10PF06 Datasheet HTML 6Page - STMicroelectronics STD10PF06 Datasheet HTML 7Page - STMicroelectronics STD10PF06 Datasheet HTML 8Page - STMicroelectronics STD10PF06 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
March 2002
.
STD10PF06
P-CHANNEL 60V - 0.18
Ω - 10A IPAK/DPAK
STripFET™ II POWER MOSFET
s
TYPICAL RDS(on) = 0.18 Ω
s
EXCEPTIONAL dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
LOW GATE CHARGE
s
APPLICATION ORIENTED
CHARACTERIZATION
s
THROUGH-HOLE IPAK (TO-251) POWER
PACKAGE IN TUBE (SUFFIX “-1")
s
SURFACE-MOUNTING DPAK (TO-252)
POWER PACKAGE IN TAPE & REEL
(SUFFIX “T4")
DESCRIPTION
This Power MOSFET is the latest development of
STMicroelectronis unique "Single Feature Size™" strip-
based process. The resulting transistor shows extremely
high packing density for low on-resistance, rugged
avalanche characteristics and less critical alignment
steps
therefore
a
remarkable
manufacturing
reproducibility.
APPLICATIONS
s
MOTOR CONTROL
s
DC-DC & DC-AC CONVERTERS
TYPE
VDSS
RDS(on)
ID
STD10PF06
60 V
< 0.20
Ω
10 A
3
2
1
1
3
IPAK
TO-251
(Suffix “-1”)
DPAK
TO-252
(Suffix “T4”)
ABSOLUTE MAXIMUM RATINGS
(•) Pulse width limited by safe operating area.
Note: P-CHANNEL MOSFET actual polarity of voltages and current
has to be reversed
(1) ISD ≤10A, di/dt ≤300A/µs, VDD ≤ V(BR)DSS, Tj ≤ TJMAX
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
60
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
60
V
VGS
Gate- source Voltage
± 20
V
ID
Drain Current (continuous) at TC = 25°C
10
A
ID
Drain Current (continuous) at TC = 100°C
7A
IDM(•)
Drain Current (pulsed)
40
A
Ptot
Total Dissipation at TC = 25°C
40
W
Derating Factor
0.27
W/°C
dv/dt (1)
Peak Diode Recovery voltage slope
6
V/ns
Tstg
Storage Temperature
-65 to 175
°C
Tj
Max. Operating Junction Temperature
175
°C
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD10PF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10PF06 STMICROELECTRONICS-STD10PF06 Datasheet
85Kb / 8P
P - CHANNEL 60V - 0.18 ohm - 10A TO-252 STripFET POWER MOSFET
Apr-1999
logo
VBsemi Electronics Co.,...
STD10PF06-1 VBSEMI-STD10PF06-1 Datasheet
939Kb / 7P
P-Channel 60-V (D-S) MOSFET
logo
STMicroelectronics
STD10PF06T4 STMICROELECTRONICS-STD10PF06T4 Datasheet
299Kb / 9P
P-CHANNEL 60V - 0.18 W - 10A IPAK/DPAK STripFET??II POWER MOSFET
Mar-2002
logo
VBsemi Electronics Co.,...
STD10PF06T4 VBSEMI-STD10PF06T4 Datasheet
989Kb / 8P
P-Channel 60-V (D-S) MOSFET
More results

Similar Description - STD10PF06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD10PF06 STMICROELECTRONICS-STD10PF06 Datasheet
85Kb / 8P
P - CHANNEL 60V - 0.18 ohm - 10A TO-252 STripFET POWER MOSFET
Apr-1999
STD12NF06 STMICROELECTRONICS-STD12NF06 Datasheet
443Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Dec-2001
STD12NF06L STMICROELECTRONICS-STD12NF06L Datasheet
444Kb / 10P
N-CHANNEL 60V - 0.08 ohm - 12A IPAK/DPAK STripFET??II POWER MOSFET
Jun-2003
STD30NF06 STMICROELECTRONICS-STD30NF06 Datasheet
457Kb / 10P
N-CHANNEL 60V - 0.020 ohm - 28A IPAK/DPAK STripFET™ II POWER MOSFET
Mar-2002
STD16NF06L STMICROELECTRONICS-STD16NF06L Datasheet
442Kb / 11P
N-channel 60V - 0.060 - 24A - DPAK/IPAK STripFET II Power MOSFET
10-Jan-2006
STD20NF06L STMICROELECTRONICS-STD20NF06L Datasheet
416Kb / 14P
N-channel 60V - 0.032OHM - 24A - DPAK - IPAK STripFET II Power MOSFET
03-Jul-2006
STD12NF06L STMICROELECTRONICS-STD12NF06L_07 Datasheet
323Kb / 14P
N-channel 60V - 0.08??- 12A - DPAK - IPAK STripFET??II Power MOSFET
19-Feb-2007
STD16NF06L STMICROELECTRONICS-STD16NF06L_07 Datasheet
362Kb / 14P
N-channel 60V - 0.060Ω - 24A - DPAK/IPAK STripFET??II Power MOSFET
19-Feb-2007
STD10PF06T4 STMICROELECTRONICS-STD10PF06T4 Datasheet
299Kb / 9P
P-CHANNEL 60V - 0.18 W - 10A IPAK/DPAK STripFET??II POWER MOSFET
Mar-2002
STD20NF06LT4 STMICROELECTRONICS-STD20NF06LT4 Datasheet
420Kb / 14P
N-channel 60V - 0.032廓 - 24A - DPAK - IPAK STripFET??II Power MOSFET
03-Jul-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com