Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD2931-10 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SD2931-10
Description  RF power transistor: HF/VHF/UHF N-channel power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SD2931-10 Datasheet(HTML) 4 Page - STMicroelectronics

  SD2931-10 Datasheet HTML 1Page - STMicroelectronics SD2931-10 Datasheet HTML 2Page - STMicroelectronics SD2931-10 Datasheet HTML 3Page - STMicroelectronics SD2931-10 Datasheet HTML 4Page - STMicroelectronics SD2931-10 Datasheet HTML 5Page - STMicroelectronics SD2931-10 Datasheet HTML 6Page - STMicroelectronics SD2931-10 Datasheet HTML 7Page - STMicroelectronics SD2931-10 Datasheet HTML 8Page - STMicroelectronics SD2931-10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Electrical characteristics
SD2931-10
4/19
Doc ID 7076 Rev 9
2
Electrical characteristics
(TCASE = 25 °C).
2.1
Static
2.2
Dynamic
Table 4.
Static (per side)
Symbol
Test conditions
Min
Typ
Max
Unit
V(BR)DSS
VGS = 0
IDS = 100 mA
125
V
IDSS
VGS = 0
VDS = 50 V
50
μA
IGSS
VGS = 20
VDS = 0
250
nA
VGS(Q)
(1)
1.
VGS(Q) sorted with alpha/numeric code marked on unit.
VDS = 10 V
ID = 250 mA
See table below
V
VDS(ON)
VGS = 10 V
ID = 10 A
3.0
V
GFS
VDS = 10 V
ID = 5 A
5
6
mho
CISS
VGS = 0
VDS = 50 V
f = 1 MHz
480
pF
COSS
VGS = 0
VDS = 50 V
f = 1 MHz
190
pF
CRSS
VGS = 0
VDS = 50 V
f = 1 MHz
18
pF
Table 5.
Dynamic
Symbol
Test conditions
Min
Typ
Max
Unit
POUT
VDD = 50 V
IDQ = 250 mA
f = 175 MHz
150
W
GPS
VDD = 50 V IDQ = 250 mA POUT = 150 W f = 175 MHz
14
15
dB
nD
VDD = 50 V IDQ = 250 mA POUT = 150 W f = 175 MHz
55
65
%
Load
mismatch
VDD = 50 V IDQ = 250 mA POUT = 150 W f = 175 MHz
All phase angles
10:1
VSWR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com