Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SB1237 Datasheet(PDF) 1 Page - Rohm

Part # 2SB1237
Description  Medium Power Transistor (-32V,??1A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SB1237 Datasheet(HTML) 1 Page - Rohm

  2SB1237 Datasheet HTML 1Page - Rohm 2SB1237 Datasheet HTML 2Page - Rohm 2SB1237 Datasheet HTML 3Page - Rohm 2SB1237 Datasheet HTML 4Page - Rohm 2SB1237 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
Medium Power Transistor (
32V,1A)
2SB1132 / 2SA1515S / 2SB1237
Features
Dimensions (Unit : mm)
1) Low VCE(sat).
VCE(sat) =
0.2V(Typ.)
(IC / IB =
500mA / 50mA)
2) Compliments 2SD1664 /
2SD1858
Structure
Epitaxial planar type
PNP silicon transistor
4 0.2
2 0.2
0.45
0.5
0.45
5
(1) (2) (3)
−0.05
+0.15
+0.15
−0.05
2.5 +0.4
−0.1
(1) Emitter
(2) Collector
(3) Base
ROHM : SPT
EIAJ : SC-72
2SB1132
2SB1237
2SA1515S
(1) Base
(2) Collector
(3) Emitter
ROHM : MPT3
EIAJ : SC-62
(1) Emitter
(2) Collector
(3) Base
ROHM :
ATV
6.8 0.2
2.5 0.2
1.05
0.45 0.1
2.54 2.54
0.5 0.1
(1)
(2)
(3)
0.65Max.
−0.05
+0.1
−0.1
+0.2
+0.2
−0.1
(3)
(2)
(1)
3.0 0.2
1.5 0.1
1.5 0.1
0.4 0.1
0.5 0.1
0.4 0.1
0.4
1.5
4.5
1.6 0.1
Abbreviated symbol: BA
∗
∗ Denotes hFE
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−
+−


Similar Part No. - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1237 ROHM-2SB1237 Datasheet
128Kb / 4P
Medium Power Transistor
2SB1237 ROHM-2SB1237 Datasheet
142Kb / 3P
Epitaxial Planar PNP Silicon Translstors
2SB1237 ROHM-2SB1237 Datasheet
79Kb / 5P
Medium Power Transistor (−32V,−1A)
2SB1237 ROHM-2SB1237 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
2SB1237 ROHM-2SB1237 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
More results

Similar Description - 2SB1237

ManufacturerPart #DatasheetDescription
logo
Rohm
2SD1664 ROHM-2SD1664 Datasheet
118Kb / 3P
Medium Power Transistor (32V, 1A)
2SD1664 ROHM-2SD1664_1 Datasheet
129Kb / 4P
Medium Power Transistor (32V, 1A)
2SB1132 ROHM-2SB1132_09 Datasheet
179Kb / 5P
Medium Power Transistor (-32V, -1A)
2SD1664 ROHM-2SD1664_09 Datasheet
173Kb / 4P
Medium Power Transistor (32V, 1A)
MP6X1 ROHM-MP6X1 Datasheet
107Kb / 4P
Medium Power Transistor (32V, 1A)
MP6Z1 ROHM-MP6Z1 Datasheet
178Kb / 7P
Medium Power Transistor (-32V, -1A)
2SA1515S ROHM-2SA1515S_10 Datasheet
149Kb / 4P
Medium Power Transistor (-32V,-1A)
logo
Littelfuse
2SD1664T100Q LITTELFUSE-2SD1664T100Q Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Rohm
2SD1664T100R ROHM-2SD1664T100R Datasheet
121Kb / 3P
Medium Power Transistor (32V, 1A)
logo
Nanjing International G...
2SD1664 DGNJDZ-2SD1664 Datasheet
496Kb / 4P
Medium Power Transistor(32V,1A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com