Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC68331TS Datasheet(PDF) 69 Page - Freescale Semiconductor, Inc

Part # MC68331TS
Description  32-Bit Modular Microcontroller
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC68331TS Datasheet(HTML) 69 Page - Freescale Semiconductor, Inc

Back Button MC68331TS Datasheet HTML 65Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 66Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 67Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 68Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 69Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 70Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 71Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 72Page - Freescale Semiconductor, Inc MC68331TS Datasheet HTML 73Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 84 page
background image
MC68331TS/D
69
RAF — Receiver Active Flag
0 = SCI receiver is idle
1 = SCI receiver is busy
RAF indicates whether the SCI receiver is busy. It is set when the receiver detects a possible start bit
and is cleared when the chosen type of idle line is detected. RAF can be used to reduce collisions in
systems with multiple masters.
IDLE — Idle-Line Detected Flag
0 = SCI receiver did not detect an idle-line condition.
1 = SCI receiver detected an idle-line condition.
IDLE is disabled when RWU in SCCR1 is set. IDLE is set when the SCI receiver detects the idle-line
condition specified by ILT in SCCR1. If cleared, IDLE will not set again until after RDRF is set. RDRF
is set when a break is received, so that a subsequent idle line can be detected.
OR — Overrun Error Flag
0 = RDRF is cleared before new data arrives.
1 = RDRF is not cleared before new data arrives.
OR is set when a new byte is ready to be transferred from the receive serial shifter to the RDR, and
RDRF is still set. Data transfer is inhibited until OR is cleared. Previous data in RDR remains valid, but
data received during overrun condition (including the byte that set OR) is lost.
NF — Noise Error Flag
0 = No noise detected on the received data
1 = Noise occurred on the received data
NF is set when the SCI receiver detects noise on a valid start bit, on any data bit, or on a stop bit. It is
not set by noise on the idle line or on invalid start bits. Each bit is sampled three times. If none of the
three samples are the same logic level, the majority value is used for the received data value, and NF
is set. NF is not set until an entire frame is received and RDRF is set.
FE — Framing Error Flag
0 = No framing error on the received data.
1 = Framing error or break occurred on the received data.
FE is set when the SCI receiver detects a zero where a stop bit was to have occurred. FE is not set until
the entire frame is received and RDRF is set. A break can also cause FE to be set. It is possible to miss
a framing error if RXD happens to be at logic level one at the time the stop bit is expected.
PF — Parity Error Flag
0 = No parity error on the received data
1 = Parity error occurred on the received data
PF is set when the SCI receiver detects a parity error. PF is not set until the entire frame is received and
RDRF is set.
SCDR contains two data registers at the same address. Receive data register (RDR) is a read-only reg-
ister that contains data received by the SCI. The data comes into the receive serial shifter and is trans-
ferred to RDR. Transmit data register (TDR) is a write-only register that contains data to be transmitted.
The data is first written to TDR, then transferred to the transmit serial shifter, where additional format
bits are added before transmission. R[7:0]/T[7:0] contain either the first eight data bits received when
SCDR is read, or the first eight data bits to be transmitted when SCDR is written. R8/T8 are used when
the SCI is configured for 9-bit operation. When it is configured for 8-bit operation, they have no meaning
or effect.
SCDR — SCI Data Register
$YFFC0E
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
0
0
0
0
0
0
0
R8/T8
R7/T7
R6/T6
R5/T5
R4/T4
R3/T3
R2/T2
R1/T1
R0/T0
RESET:
0
0
0
0
0
0
0
U
U
U
U
U
U
U
U
U
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com