Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AF2GSSEL Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # AF2GSSEL
Description  ATP Industrial Grade SlimSATA Embedded Module
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AF2GSSEL Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button AF2GSSEL Datasheet HTML 12Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 13Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 14Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 15Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 16Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 17Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 18Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 19Page - List of Unclassifed Manufacturers AF2GSSEL Datasheet HTML 20Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Version 2.0
ATP Industrial Grade SlimSATA Embedded Module Specification
Word
Address
Default Value
Total
Bytes
Data Field Type lnformation
60-61
XXXXh
4
Total number of sectors addressable in LBA Mode
(Word60=LSW, Word61=MSW)
62
0000h
2
Reserved
63
0007h
2
Multiword DMA transfer
64
0003h
2
Advanced PIO modes supported
65
0078h
2
Minimum Multiword DMA transfer cycle time per word
66
0078h
2
Recommended Multiword DMA transfer cycle time
67
0078h
2
Minimum PIO transfer cycle time without flow control
68
0078h
2
Minimum PIO transfer cycle time with lORDY flow control
69~75
0000h
20
Reserved
76
0060h
2
Serial ATA capabilities
Support Serial ATA Gen1
Support Serial ATA Gen2
77~79
0000h
6
Reserved
80
0080h
2
Major version number (ATAPI-7)
81
0000h
2
Minor version number
82
742Bh
2
Command sets supported 0
83
5500h
2
Command sets supported 1
84
4002h
2
Command sets supported 2
85~87
XXXXh
6
Command set/feature enabled
88
007Fh
2
Ultra DMA supported and selected
89
0003h
2
Time required for Security erase unit completion
90
0000h
2
Time required for Enhanced security erase unit completion
91
0000h
2
Current Advanced power management value
92
FFFEh
2
Master Pasword Revision Code
93~127
0000h
70
Reserved
128
0001h
2
Security status
129~159
0000h
62
Vendor unique bytes
160
0000h
2
Power requirement description
161
0000h
2
Reserved
162
0000h
2
Key management schemes supported
163
0000h
2
CFA True lDE Timing Mode Capability and Setting
164
0000h
2
Reserved
165~175
0000h
22
Reserved
176~216
0000h
82
Reserved
217
0100h
2
Non-rotating media(SSD)
218~255
0000h
76
Reserved
Y
Yoouurr U
Ullttiim
maattee M
Meem
moorryy S
Soolluuttiioonn!!
16
ATP Confidential &Proprietary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com