Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9857ASTZ1 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9857ASTZ1
Description  CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9857ASTZ1 Datasheet(HTML) 1 Page - Analog Devices

  AD9857ASTZ1 Datasheet HTML 1Page - Analog Devices AD9857ASTZ1 Datasheet HTML 2Page - Analog Devices AD9857ASTZ1 Datasheet HTML 3Page - Analog Devices AD9857ASTZ1 Datasheet HTML 4Page - Analog Devices AD9857ASTZ1 Datasheet HTML 5Page - Analog Devices AD9857ASTZ1 Datasheet HTML 6Page - Analog Devices AD9857ASTZ1 Datasheet HTML 7Page - Analog Devices AD9857ASTZ1 Datasheet HTML 8Page - Analog Devices AD9857ASTZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
CMOS 200 MSPS 14-Bit
Quadrature Digital Upconverter
AD9857
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
200 MHz internal clock rate
14-bit data path
Excellent dynamic performance:
80 dB SFDR @ 65 MHz (±100 kHz) AOUT
4× to 20× programmable reference clock multiplier
Reference clock multiplier PLL lock detect indicator
Internal 32-bit quadrature DDS
FSK capability
8-bit output amplitude control
Single-pin power-down function
Four programmable, pin-selectable signal profiles
SIN(x)/x correction (inverse SINC function)
Simplified control interface
10 MHz serial, 2-wire or 3-wire SPI®-compatible
3.3 V single supply
Single-ended or differential input reference clock
80-lead LQFP surface-mount packaging
Three modes of operation:
Quadrature modulator mode
Single-tone mode
Interpolating DAC mode
APPLICATIONS
HFC data, telephony, and video modems
Wireless base station
Agile, LO frequency synthesis
Broadband communications
FUNCTIONAL BLOCK DIAGRAM
14
14-BIT
DAC
DAC_RSET
IOUT
IOUT
8
OUTPUT
SCALE
VALUE
REFCLK
REFCLK
MODE
CONTROL
PLL
LOCK
CLOCK
INPUT
MODE
AD9857
PARALLEL
DATA IN
(14-BIT)
PDCLK/
FUD
14
INVERSE
CIC FILTER
INV
CIC
Q
(4 )
CIC
(2 - 63 )
FIXED
INTER-
POLATOR
PROGRAMMABLE
INTERPOLATOR
QUADRATURE
MODULATOR
INVERSE
SINC
FILTER
32
TUNING
WORD
TIMING AND CONTROL
DDS
CORE
CLOCK
MULTIPLIER
(4 – 20 )
PROFILE
SELECT
LOGIC
CONTROL REGISTERS
RESET
CIC
OVERFLOW
SERIAL
PORT
I
14
PS0
PS1
POWER-
DOWN
LOGIC
DIGITAL
POWER-
DOWN
TxENABLE
Figure 1.


Similar Part No. - AD9857ASTZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9857ASTZ AD-AD9857ASTZ Datasheet
893Kb / 41P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
23-Feb-2017
More results

Similar Description - AD9857ASTZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9856 AD-AD9856 Datasheet
429Kb / 32P
CMOS 200 MHz Quadrature Digital Upconverter
REV.B
AD9857 AD-AD9857 Datasheet
551Kb / 31P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV.0
AD9957 AD-AD9957_07 Datasheet
1Mb / 60P
1 GSPS Quadrature Digital Upconverter with 18-Bit IQ Data Path and 14-Bit DAC
5/07-Revision 0
AD9784 AD-AD9784_15 Datasheet
1Mb / 52P
14-Bit, 200 MSPS/500 MSPS TxDAC
Rev. PrC
AD9856 AD-AD9856_15 Datasheet
966Kb / 36P
CMOS 200 MHz Quadrature Digital Upconverter
REV. C
AD9857 AD-AD9857_15 Datasheet
1Mb / 40P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
REV. C
AD9856 AD-AD9856_17 Datasheet
749Kb / 37P
CMOS 200 MHz Quadrature Digital Upconverter
23-Feb-2017
AD9857 AD-AD9857_17 Datasheet
893Kb / 41P
CMOS 200 MSPS 14-Bit Quadrature Digital Upconverter
23-Feb-2017
AD9957 AD-AD9957_17 Datasheet
1Mb / 62P
1 GSPS Quadrature Digital Upconverter
05/05/2017
AD9957 AD-AD9957_18 Datasheet
1Mb / 61P
1 GSPS Quadrature Digital Upconverter
4/2018-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com