Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

G366 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # G366
Description  Multipurpose Enclosures
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

G366 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  G366 Datasheet HTML 1Page - List of Unclassifed Manufacturers G366 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Multipurpose Enclosures
Page <2>
13/05/11 V1.1
www.element14.com
www.farnell.com
www.newark.com
Description
Colour
Material
External
Dimensions (mm)
Part Number
Box, ABS, IP65, Grey
Dark Grey
ABS
195 × 80 × 55
G346
Box, ABS, IP65, Grey
222 × 146 × 75
G353
Box, ABS, IP65, Grey
52 × 50 × 35
G362
Box, ABS, IP65, Grey
82 × 80 × 55
G366
Box, ABS, IP65, Grey
160 × 80 × 55
G368
Box, ABS, IP65, Grey
200 × 120 × 75
G373
Box, ABS, IP65, 265 × 185 × 95mm
265 × 185 × 95
G378
Box, ABS, IP65, Grey
120 × 120 × 60
G386
Box, ABS, IP65, Grey
120 × 120 × 90
G387
Box, ABS, IP65, Grey
160 × 160 × 60
G396
Box, ABS, IP65, Grey
160 × 160 × 90
G399
Box, ABS, IP65, 240 × 160 × 90mm
240 × 160 × 90
G3008
Box, ABS, IP65, 240 × 160 × 120mm
240 × 160 × 120
G3019
Box, ABS, IP65, 300 × 230 × 86mm
300 × 230 × 86
G3028
Box, ABS, IP65, 300 × 230 × 111mm
300 × 230 × 111
G3031
Box, ABS, IP65, 360 × 200 × 150mm
360 × 200 × 150
G3039
Specifications Table
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2011.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com