Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPXT4100A7U Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPXT4100A7U
Description  X-ducer SILICON PRESSURE SENSORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXT4100A7U Datasheet(HTML) 3 Page - Motorola, Inc

  MPXT4100A7U Datasheet HTML 1Page - Motorola, Inc MPXT4100A7U Datasheet HTML 2Page - Motorola, Inc MPXT4100A7U Datasheet HTML 3Page - Motorola, Inc MPXT4100A7U Datasheet HTML 4Page - Motorola, Inc MPXT4100A7U Datasheet HTML 5Page - Motorola, Inc MPXT4100A7U Datasheet HTML 6Page - Motorola, Inc MPXT4100A7U Datasheet HTML 7Page - Motorola, Inc MPXT4100A7U Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MPXT4100 MPXT4101 MPXT4105 SERIES
3
Motorola Sensor Device Data
MPXT4105A SERIES OPERATING CHARACTERISTICS (VS = 5.1 Vdc, TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Pressure Range
POP
15
—
105
kPa
Supply Voltage(2)
VS
4.85
5.1
5.35
Vdc
Supply Current
Io
—
7.0
10
mAdc
Offset(3)
(0 to 85
°C)
Voff
0.184
0.306
0.428
Vdc
Full Scale Output(4)
(0 to 85
°C)
VFSO
4.804
4.896
4.988
Vdc
Full Scale Span(5)
(0 to 85
°C)
VFSS
—
4.590
—
Vdc
Accuracy(6)
(0 to 85
°C)
—
—
—
"1.8
%VFSS
Sensitivity
∆V/∆P
—
51
—
mV/kPa
Response Time(7)
tR
—
1.0
—
ms
Output Source Current at Full Scale Output
Io+
—
0.1
—
mAdc
Offset Stability(9)
—
—
"0.65
—
%VFSS
MECHANICAL CHARACTERISTICS
Characteristic
Symbol
Min
Typ
Max
Unit
Weight, Basic Element (Case 473)
—
—
2.0
—
Grams
Warm–Up Time(8)
—
—
15
—
mSec
Cavity Volume
—
—
—
0.01
IN3
Volumetric Displacement
—
—
—
0.001
IN3
Common Mode Line Pressure(11)
—
—
—
690
kPa
NOTES:
1. Exposure beyond the specified limits may cause permanent damage or degradation to the device.
2. Device is ratiometric within this specified excitation range.
3. Offset (Voff) is defined as the output voltage at the minimum rated pressure.
4. Full Scale Output (VFSO) is defined as the output voltage at the maximum or full rated pressure.
5. Full Scale Span (VFSS) is defined as the algebraic difference between the output voltage at full rated pressure and the output voltage at the
minimum rated pressure.
6. Accuracy is the deviation in actual output from nominal output over the entire pressure range and temperature range as a percent of span
at 25
°C due to all sources of error including the following:
• Linearity:
Output deviation from a straight line relationship with pressure over the specified pressure range.
• Temperature Hysteresis: Output deviation at any temperature within the operating temperature range, after the temperature is
cycled to and from the minimum or maximum operating temperature points, with minimum specified
pressure applied.
• Pressure Hysteresis:
Output deviation at any pressure within the specified range, when this pressure is cycled to and from
minimum or maximum rated pressure at 25
°C.
• TcSpan:
Span deviation per
°C over the temperature range of 0° to 85°C, as a percent of span at 25°C.
• TcOffset:
Output deviation per
°C with minimum pressure applied, over the temperature range of 0° to 85°C.
7. Response Time is defined as the time for the incremental change in the output to go from 10% to 90% of its final value when subjected to
a specified step change in pressure.
8. Warm–up Time is defined as the time required for the product to meet the specified output voltage.
9. Offset Stability is the product’s output deviation when subjected to 1000 hours of Pulsed Pressure, Temperature Cycling with Bias Test.
10. Decoupling circuit shown in Figure 3 required to meet specification.
11. Common mode pressures beyond specified may result in leakage at the case–to–lead interface.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com