Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5534MVM66 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC5534MVM66
Description  MPC5534 Microcontroller Data Sheet
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534MVM66 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC5534MVM66 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5534MVM66 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
MPC5534 Microcontroller Data Sheet, Rev. 6
Electrical Characteristics
Freescale Semiconductor
6
3.2.1
General Notes for Specifications at Maximum Junction Temperature
An estimation of the device junction temperature, T
J, can be obtained from the equation:
TJ = TA + (RJA  PD)
where:
TA = ambient temperature for the package (oC)
RJA = junction to ambient thermal resistance (oC/W)
PD = power dissipation in the package (W)
The thermal resistance values used are based on the JEDEC JESD51 series of standards to provide
consistent values for estimations and comparisons. The difference between the values determined for the
single-layer (1s) board compared to a four-layer board that has two signal layers, a power and a ground
plane (2s2p), demonstrate that the effective thermal resistance is not a constant. The thermal resistance
depends on the:
•
Construction of the application board (number of planes)
•
Effective size of the board which cools the component
•
Quality of the thermal and electrical connections to the planes
•
Power dissipated by adjacent components
Connect all the ground and power balls to the respective planes with one via per ball. Using fewer vias to
connect the package to the planes reduces the thermal performance. Thinner planes also reduce the thermal
performance. When the clearance between the vias leave the planes virtually disconnected, the thermal
performance is also greatly reduced.
As a general rule, the value obtained on a single-layer board is within the normal range for the tightly
packed printed circuit board. The value obtained on a board with the internal planes is usually within the
normal range if the application board has:
•
One oz. (35 micron nominal thickness) internal planes
•
Components are well separated
•
Overall power dissipation on the board is less than 0.02 W/cm2
The thermal performance of any component depends on the power dissipation of the surrounding
components. In addition, the ambient temperature varies widely within the application. For many natural
convection and especially closed box applications, the board temperature at the perimeter (edge) of the
package is approximately the same as the local air temperature near the device. Specifying the local
ambient conditions explicitly as the board temperature provides a more precise description of the local
ambient conditions that determine the temperature of the device.
6 The thermal characterization parameter indicates the temperature difference between the package top and the junction
temperature per JEDEC JESD51-2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com