Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD8350-100-R Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # SD8350-100-R
Description  Shielded Power Inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

SD8350-100-R Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  SD8350-100-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD8350-100-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD8350-100-R Datasheet HTML 3Page - Cooper Bussmann, Inc. SD8350-100-R Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Applications
• Server/notebook power
• High power LED driver, portable devices
• Base station, telecom, and networking
• Battery chargers, RAM power supply
• Industrial and automotive power systems
• Noise filtering output filter chokes
• Buck/boost converters, output converters
Environmental Data
• Storage temperature range: -40°C to +125°C
• Operating temperature range: -40°C to +125°C
(ambient plus self temperature rise)
• Solder reflow temperature: J-STD-020D compliant
Packaging
• Supplied in tape and reel packaging, 750 parts per 13 inch dia. reel
HALOGEN
HF
FREE
Pb
Description
• Halogen free, lead free
• 125°C maximum total temperature operation
• Low-profile surface mount inductor
• 9.5 x 8.3 x 4.5mm shielded drum core
• Ferrite core material
• Inductance range from 1.5µH to 100µH
• Current range from 0.8 Amps to 9.1 Amps
• Frequency range up to 1MHz
• RoHS Compliant
Shielded Power Inductors
SD8350 Series
0911
BU-SB111111
Page 1 of 4
Data Sheet: PM-4146
SMD Device
Product Specifications
Rated
OCL1
Irms2
Isat3
DCR m
Ω
DCR m
Ω
Part Number
Inductance (µH)
µH±30%
(Amps)
(Amps)
@ 20°C Typical
@ 20°C Maximum
K-factor4
SD8350-1R8-R
1.8
1.5
5.50
9.1
11.8
14.0
16.0
SD8350-3R9-R
3.9
3.2
4.50
6.3
16.2
19.0
9.6
SD8350-4R7-R
4.7
4.2
4.10
5.5
18.5
22.0
8.5
SD8350-6R8-R
6.8
6.8
3.90
4.4
20.8
25.0
7.6
SD8350-100-R
10
9.9
3.20
4.0
31.4
36.0
6.3
SD8350-150-R
15
13.6
2.30
2.9
45.0
53.0
5.3
SD8350-220-R
22
20.4
1.80
2.6
63.5
75.0
4.4
SD8350-330-R
33
31.4
1.40
2.2
111.4
125.0
3.5
SD8350-470-R
47
44.9
1.30
1.8
130.0
150.0
2.9
SD8350-680-R
68
65.1
1.00
1.5
200.8
240.0
2.4
SD8350-101-R
100
99.7
0.80
1.3
308.0
360.0
2.0
1. Open Circuit Inductance Test Parameters: 100kHz, 0.1V, 0.0Adc.
2. Irms: DC current for an approximate ΔT of 40°C without core loss. Derating is necessary for AC
currents. PCB layout, trace thickness and width, air-flow, and proximity of other heat generating
components will affect the temperature rise. It is recommended that the temperature of the part
not exceed 125°C under worst case operating conditions verified in the end application.
3. Isat Amps peak for approximately 35% rolloff (@25°C)
4. K-factor: Used to determine Bp-p for core loss (see graph).
Bp-p = K*L*ΔI, Bp-p (mT), K: (K factor from table), L: (Inductance in µH),
ΔI (Peak to peak ripple current in Amps).
5. Part Number Definition: SD8350-xxx-R
SD8350 = Product code and size; -xxx = Inductance value in µH;
R = decimal point; If no R is present, third character = # of zeros.
-R suffix = RoHS compliant


Similar Part No. - SD8350-100-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
SD8350-100-R EATON-SD8350-100-R Datasheet
594Kb / 4P
Low profile shielded drum core power inductors
More results

Similar Description - SD8350-100-R

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT916CYF CT-CT916CYF Datasheet
162Kb / 1P
Power Inductors - Shielded
CT918CYF CT-CT918CYF Datasheet
163Kb / 1P
Power Inductors - Shielded
CT960AWF CT-CT960AWF Datasheet
445Kb / 1P
Power Inductors - Shielded
CTCDRH2D11H CT-CTCDRH2D11H Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH4D18 CT-CTCDRH4D18 Datasheet
199Kb / 1P
Power Inductors - Shielded
CTCDRH8D28F CT-CTCDRH8D28F Datasheet
170Kb / 1P
Power Inductors - Shielded
CTCDRH8D43 CT-CTCDRH8D43 Datasheet
176Kb / 1P
Power Inductors - Shielded
CTCDRH74 CT-CTCDRH74 Datasheet
201Kb / 1P
Power Inductors - Shielded
CTCDRH125 CT-CTCDRH125 Datasheet
497Kb / 1P
Power Inductors - Shielded
CTGSR105B CT-CTGSR105B Datasheet
157Kb / 1P
Power Inductors - Shielded
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com