Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1480BCPI Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX1480BCPI
Description  Complete, Isolated RS-485/RS-422 Data Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1480BCPI Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX1480BCPI Datasheet HTML 13Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 14Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 15Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 16Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 17Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 18Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 19Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 20Page - Maxim Integrated Products MAX1480BCPI Datasheet HTML 21Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Complete, Isolated RS-485/RS-422
Data Interface
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 21
© 2005 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Ordering Information (continued)
Pin Configurations (continued)
28
27
26
25
24
23
22
21
1
2
3
4
5
6
7
8
AC1
AC2
ISO VCC1
B
D2
D1
VCC2
VCC1
ISO RO DRV
A
ISO DI IN
ISO DE IN
VCC3
SD
FS
GND1
20
19
18
17
9
10
11
12
ISO COM1
ISO DI DRV
ISO VCC2
ISO DE DRV
GND2
DE
VCC4
DI
16
15
13
14
ISO COM2
ISO RO LED
VCC5
RO
MAX487
MAX1487
MAX845
ISOLATION BARRIER
DIP
TOP VIEW
MAX1480A/B/C
†Data rate for “A” parts is up to 2.5Mbps. Data rate for “B” and
“C” parts is up to 250kbps.
PART†
TEMP RANGE
PIN-PACKAGE
MAX1480BCPI
0°C to +70°C
28 Wide Plastic DIP
MAX1480BEPI
-40°C to +85°C
28 Wide Plastic DIP
MAX1480CCPI
0°C to +70°C
28 Wide Plastic DIP
MAX1480CEPI
-40°C to +85°C
28 Wide Plastic DIP
MAX1490ACPG
0°C to +70°C
24 Wide Plastic DIP
MAX1490AEPG
-40°C to +85°C
24 Wide Plastic DIP
MAX1490BCPG
0°C to +70°C
24 Wide Plastic DIP
MAX1490BEPG
-40°C to +85°C
24 Wide Plastic DIP
PACKAGE TYPE
PACKAGE CODE
DOCUMENT NO.
28 PDIP
P28M-1
21-0044
Package Information
For the latest package outline information and land patterns,
go to www.maxim-ic.com/packages. Note that a “+”, “#”, or
“-” in the package code indicates RoHS status only. Package
drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com