Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

78253XXMC-R Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # 78253XXMC-R
Description  MAX253 Compatible Converter Transformers 3.3V and 5V versions
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

78253XXMC-R Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  78253XXMC-R Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 78253XXMC-R Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 78253XXMC-R Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 78253XXMC-R Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. 78253XXMC-R Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
KMP_78253C_D04 Page 3 of 5
78253 Series
MAX253 Compatible Converter Transformers
www.murata-ps.com/support
TYPICAL CHARACTERISTICS (VOLTAGE CURVES)
VOLTAGE CURVES
Output Current (mA)
Output Current (mA)
Output Current (mA)
Output Current (mA)
EFFICIENCY CURVES
Output Current (mA)
Output Current (mA)
Output Current (mA)
Output Current (mA)
All curves are derived from testing with the Maxim MAX235 IC using the circuit shown in application note MPAN-03 ( download at http://www.murata-ps.com/data/apnotes/mpan-03.pdf).
10
8
6
4
2
0
0
20
40
60
80
100
120
78253/35(M)C
400
78253/55(M)C
10
8
6
4
2
0
0
100
200
300
78253/35(M)VC
10
8
6
4
2
0
0
20
40
60
100
80
78253/55(M)VC
10
8
6
4
2
0
0
100
200
300
400
78253/35(M)C
100
80
60
40
20
0
0
20
40
60
120
80
100
78253/55(M)C
100
80
60
40
20
0
0
200
400
300
100
78253/35(M)VC
0
20
40
60
100
80
100
80
60
40
20
0
78253/55(M)VC
100
80
60
40
20
0
0
200
400
300
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com