Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM338 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM338
Description  5-Amp Adjustable Regulators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM338 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM338 Datasheet HTML 9Page - Texas Instruments LM338 Datasheet HTML 10Page - Texas Instruments LM338 Datasheet HTML 11Page - Texas Instruments LM338 Datasheet HTML 12Page - Texas Instruments LM338 Datasheet HTML 13Page - Texas Instruments LM338 Datasheet HTML 14Page - Texas Instruments LM338 Datasheet HTML 15Page - Texas Instruments LM338 Datasheet HTML 16Page - Texas Instruments LM338 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
Typical Applications (Continued)
0 to 22V Regulator
00906019
*R1=240
Ω, R2 = 5k for LM138
Full output current not available
at high input-output voltages
12V Battery Charger
00906020
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com