Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2007YML Datasheet(PDF) 22 Page - Micrel Semiconductor

Part # MIC2007YML
Description  Fixed and Adjustable Current Limiting Power Distribution Switches
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2007YML Datasheet(HTML) 22 Page - Micrel Semiconductor

Back Button MIC2007YML Datasheet HTML 18Page - Micrel Semiconductor MIC2007YML Datasheet HTML 19Page - Micrel Semiconductor MIC2007YML Datasheet HTML 20Page - Micrel Semiconductor MIC2007YML Datasheet HTML 21Page - Micrel Semiconductor MIC2007YML Datasheet HTML 22Page - Micrel Semiconductor MIC2007YML Datasheet HTML 23Page - Micrel Semiconductor MIC2007YML Datasheet HTML 24Page - Micrel Semiconductor MIC2007YML Datasheet HTML 25Page - Micrel Semiconductor MIC2007YML Datasheet HTML 26Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Micrel, Inc.
MIC20xx Family
August 2011
22
M9999-080211-D
Variable Undervoltage Lock Out (VUVLO)
2003
2004
2005X
2006
2007
2008
2009X
2013
2014
2015
2016
2017
2018
2019X
Only parts in bold have VUVLO.
VUVLO functions as an input voltage monitor when the
switch in enabled. The VIN pin is monitored for a drop in
voltage, indicating excessive loading of the VIN supply.
When VIN is less than the VULVO threshold voltage
(VVUVLO_TH) for 32ms or more, the MIC20XX disables
the switch to protect the supply and allow VIN to
recover. After 128ms has elapsed, the MIC20X6
enables switch. This disable and enable cycling will
continue as long as VIN deceases below the VUVLO
threshold voltage (VVUVLO_TH) which has a typical value
of 250mV. The VUVLO voltage is commonly established
by a voltage divider from VIN-to-GND.
ENABLE
2003
2004
2005X
2006
2007
2008
2009X
2013
2014
2015
2016
2017
2018
2019X
Only parts in bold have ENABLE pin.
ENABLE pin is a logic compatible input which activates
the main MOSFET switch thereby providing power to
the VOUT pin. ENABLE is either an active HIGH or active
LOW control signal. The MIC20XX can operate with
logic running from supply voltages as low as 1.5 V.
ENABLE may be driven higher than VIN, but no higher
than 5.5V and not less than –0.3V.
FAULT/
2003
2004
2005X
2006
2007
2008
2009X
2013
2014
2015
2016
2017
2018
2019X
Only parts in bold have FAULT/ pin.
FAULT/ is an N-channel open-drain output, which is
asserted (LOW true) when switch either begins current
limiting or enters thermal shutdown.
FAULT/ asserts after a brief delay when events occur
that may be considered possible faults. This delay
insures that FAULT/ is asserted only upon valid,
enduring, over-current conditions and that transitory
event error reports are filtered out.
In MIC200X FAULT/ asserts after a brief delay period,
of 32ms typical. After a fault clears, FAULT/ remains
asserted for the delay period of 32ms
MIC201X’s FAULT/ asserts at the end of the Kickstart™
period which is 128ms typical. This masks initial current
surges, such as would be seen by a motor load starting
up. If the load current remains above the current limit
threshold after the Kickstart™ has timed out, then the
FAULT/ will be asserted. After a fault clears, FAULT/
remains asserted for the delay of 128ms.
Because FAULT/ is an open-drain it must be pulled
HIGH with an external resistor and it may be wire-OR’d
with other similar outputs, sharing a single pull-up
resistor. FAULT/ may be tied to a pull-up voltage source
which is higher than VIN, but no greater than 5.5V.
Soft-Start Control
Large capacitive loads can create significant inrush
current surges when charged through the switch. For
this reason, the MIC20XX family of switches provides a
built-in soft-start control to limit the initial inrush
currents.
Soft-start is accomplished by controlling the power
MOSFET when the ENABLE pin enables the switch.
CSLEW
2003
2004
2005X
2006
2007
2008
2009X
2013
2014
2015
2016
2017
2018
2019X
Only parts in bold have CSLEW pin.
(Not available in 5-pin SOT-23 packages)
The CSLEW pin is provided to increase control of the
output voltage ramp at turn-on. This input allows
designers the option of decreasing the output’s slew
rate (slowing the voltage rise) by adding an external
capacitance between the CSLEW and VIN pins.
Thermal Shutdown
Thermal shutdown is employed to protect the MIC20XX
family of switches from damage should the die
temperature exceed safe operating levels. Thermal
shutdown shuts off the output MOSFET and asserts the
FAULT/ output if the die temperature reaches 145°C.
The switch will automatically resume operation when the
die temperature cools down to 135°C. If resumed
operation results in reheating of the die, another
shutdown cycle will occur and the switch will continue
cycling between ON and OFF states until the overcurrent
condition has been resolved.
Depending on PCB layout, package type, ambient
temperature, etc., hundreds of milliseconds may elapse
from the incidence of a fault to the output MOSFET
being shut off. This delay is due to thermal time
constants within the system itself. In no event will the
device be damaged due to thermal overload because die
temperature is monitored continuously by on-chip
circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com