Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BLM18HB331SN1D Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # BLM18HB331SN1D
Description  EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise BLM18H Series (0603 Size)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18HB331SN1D Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  BLM18HB331SN1D Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM18HB331SN1D Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Data Sheet
!Note:
1. This datasheet is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our
products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering.
2. This datasheet has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product
specifications or transact the approval sheet for product specifications before ordering.
http://www.murata.com/
1
Noise Suppression Products/EMI Suppression Filters > EMIFIL
r (Inductor type) > Chip Ferrite Bead for GHz Noise
2011.11.2
oThis data sheet is applied for CHIP FERRITE BEAD used for General Electronics equipment for your design.
EMIFIL
r (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18H Series (0603 Size)
c Dimensions
0.4±0.2
1.6±0.15
0.8±0.15
(in mm)
: Electrode
c Equivalent Circuit
(Resistance element becomes dominant
at high frequencies.)
c Packaging
Code
Packaging
Minimum Quantity
D
180mm Paper Tape
4000
J
330mm Paper Tape
10000
B
Bulk(Bag)
1000
c Rated Value (p: packaging code)
Part Number
Impedance
(at 100MHz/20°C)
Impedance
(at 1GHz/20°C)
Rated Current
DC Resistance
Operating
Temperature Range
BLM18HG471SN1
p
470ohm ±25%
600ohm (Typ.)
200mA
0.85ohm max.
-55 to +125°C
BLM18HG601SN1
p
600ohm ±25%
700ohm (Typ.)
200mA
1.00ohm max.
-55 to +125°C
BLM18HG102SN1
p
1000ohm ±25%
1000ohm (Typ.)
100mA
1.60ohm max.
-55 to +125°C
BLM18HE601SN1
p
600ohm ±25%
600ohm (Typ.)
800mA
0.25ohm max.
-55 to +125°C
BLM18HE102SN1
p
1000ohm ±25%
1000ohm (Typ.)
600mA
0.35ohm max.
-55 to +125°C
BLM18HE152SN1
p
1500ohm ±25%
1500ohm (Typ.)
500mA
0.50ohm max.
-55 to +125°C
BLM18HD471SN1
p
470ohm ±25%
1000ohm (Typ.)
100mA
1.20ohm max.
-55 to +125°C
BLM18HD601SN1
p
600ohm ±25%
1200ohm (Typ.)
100mA
1.50ohm max.
-55 to +125°C
BLM18HD102SN1
p
1000ohm ±25%
1700ohm (Typ.)
50mA
1.80ohm max.
-55 to +125°C
BLM18HB121SN1
p
120ohm ±25%
500ohm ±40%
200mA
0.50ohm max.
-55 to +125°C
BLM18HB221SN1
p
220ohm ±25%
1100ohm ±40%
100mA
0.80ohm max.
-55 to +125°C
BLM18HB331SN1
p
330ohm ±25%
1600ohm ±40%
50mA
1.20ohm max.
-55 to +125°C
BLM18HK331SN1
p
330ohm ±25%
400ohm ±40%
200mA
0.50ohm max.
-55 to +125°C
BLM18HK471SN1
p
470ohm ±25%
600ohm ±40%
200mA
0.70ohm max.
-55 to +125°C
BLM18HK601SN1
p
600ohm ±25%
700ohm ±40%
100mA
0.90ohm max.
-55 to +125°C
BLM18HK102SN1
p
1000ohm ±25%
1200ohm ±40%
50mA
1.50ohm max.
-55 to +125°C
Number of Circuits: 1
Continued on the following page.


Similar Part No. - BLM18HB331SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18HB331SN1D MURATA-BLM18HB331SN1D Datasheet
2Mb / 88P
SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM18HB331SN1D MURATA1-BLM18HB331SN1D Datasheet
251Kb / 4P
BLM18H/BLM18E series has a modified internal electrode structure, that minimizes stray capacitance and increases the effective frequency range.
Last updated07/05/2022
More results

Similar Description - BLM18HB331SN1D

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18KG260TN1D MURATA-BLM18KG260TN1D Datasheet
157Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead BLM18K Series (0603 Size)
BLM18PG300SN1D MURATA-BLM18PG300SN1D Datasheet
126Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead BLM18P Series (0603 Size)
BLM18GG471SN1D MURATA-BLM18GG471SN1D Datasheet
44Kb / 2P
EMIFIL (Inductor type) Chip Ferrite Bead for High-GHz Noise BLM18G Series (0603 Size)
BLM18EG101TN1D MURATA-BLM18EG101TN1D Datasheet
152Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18RK102SN1D MURATA-BLM18RK102SN1D Datasheet
81Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15HG601SN1 MURATA-BLM15HG601SN1 Datasheet
182Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18BD470SN1 MURATA-BLM18BD470SN1 Datasheet
253Kb / 8P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM18EG101TN1 MURATA-BLM18EG101TN1 Datasheet
146Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM18RK121SN1 MURATA-BLM18RK121SN1 Datasheet
75Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead
BLM15H MURATA-BLM15H Datasheet
187Kb / 3P
EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com