Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6064T-E/ST Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP6064T-E/ST
Description  60 關A, High Precision Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6064T-E/ST Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP6064T-E/ST Datasheet HTML 7Page - Microchip Technology MCP6064T-E/ST Datasheet HTML 8Page - Microchip Technology MCP6064T-E/ST Datasheet HTML 9Page - Microchip Technology MCP6064T-E/ST Datasheet HTML 10Page - Microchip Technology MCP6064T-E/ST Datasheet HTML 11Page - Microchip Technology MCP6064T-E/ST Datasheet HTML 12Page - Microchip Technology MCP6064T-E/ST Datasheet HTML 13Page - Microchip Technology MCP6064T-E/ST Datasheet HTML 14Page - Microchip Technology MCP6064T-E/ST Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
© 2010 Microchip Technology Inc.
DS22189B-page 11
MCP6061/2/4
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF.
FIGURE 2-25:
Output Short Circuit Current
vs. Power Supply Voltage.
FIGURE 2-26:
Output Voltage Swing vs.
Frequency.
FIGURE 2-27:
Ratio of Output Voltage
Headroom to Output Current vs. Output Current.
FIGURE 2-28:
Output Voltage Headroom
vs. Ambient Temperature.
FIGURE 2-29:
Slew Rate vs. Ambient
Temperature.
FIGURE 2-30:
Small Signal Non-Inverting
Pulse Response.
0
5
10
15
20
25
30
35
40
Power Supply Voltage (V)
TA = -40°C
TA = +25°C
TA = +85°C
TA = +125°C
0.1
1
10
100
1000
10000
100000
1000000
Frequency (Hz)
VDD = 1.8V
VDD = 6.0V
100
1k
10k
100k
1M
10
15
20
25
30
35
40
45
50
55
60
65
0.1
1
10
Output Current (mA)
(VOL - VSS)/(-IOUT)
(VDD - VOH)/IOUT
VDD = 1.8V
(VDD - VOH)/IOUT
(VOL - VSS)/(-IOUT)
VDD =
60V
0
2
4
6
8
10
12
14
16
-50
-25
0
25
50
75
100
125
Ambient Temperature (°C)
VDD - VOH
VOL - VSS
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
-50
-25
0
25
50
75
100
125
Ambient Temperature (C)
Falling Edge, VDD = 6.0V
Falling Edge, VDD = 1.8V
Rising Edge, VDD = 6.0V
Rising Edge, VDD = 1.8V
Time (2 µs/div)
VDD = 6.0V
G = +1 V/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com