Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6061 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP6061
Description  60 關A, High Precision Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6061 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP6061 Datasheet HTML 6Page - Microchip Technology MCP6061 Datasheet HTML 7Page - Microchip Technology MCP6061 Datasheet HTML 8Page - Microchip Technology MCP6061 Datasheet HTML 9Page - Microchip Technology MCP6061 Datasheet HTML 10Page - Microchip Technology MCP6061 Datasheet HTML 11Page - Microchip Technology MCP6061 Datasheet HTML 12Page - Microchip Technology MCP6061 Datasheet HTML 13Page - Microchip Technology MCP6061 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
MCP6061/2/4
DS22189B-page 10
© 2010 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/2, VOUT ≈ VDD/2,
VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF.
FIGURE 2-19:
DC Open-Loop Gain vs.
Power Supply Voltage.
FIGURE 2-20:
DC Open-Loop Gain vs.
Output Voltage Headroom.
FIGURE 2-21:
Channel-to-Channel
Separation vs. Frequency (MCP6062/4 only).
FIGURE 2-22:
Gain Bandwidth Product,
Phase Margin vs. Common Mode Input Voltage.
FIGURE 2-23:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
FIGURE 2-24:
Gain Bandwidth Product,
Phase Margin vs. Ambient Temperature.
100
105
110
115
120
125
130
135
140
145
150
1.5
2.0 2.53.0 3.54.0
4.5 5.0
5.56.0
Power Supply Voltage (V)
RL = 10 kΩ
VSS + 0.2V < VOUT < VDD - 0.2V
100
105
110
115
120
125
130
135
140
145
150
0.00
0.05
0.10
0.15
0.20
0.25
Output Voltage Headroom (V)
VDD = 6.0V
VDD = 1.8V
Large Signal AOL
80
90
100
110
120
130
140
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
Frequency (Hz)
100
1k
10k
100k
1M
Input Referred
Frequency (Hz)
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Common Mode Input Voltage (V)
0
20
40
60
80
100
120
140
160
180
Phase Margin
Gain Bandwidth Product
VDD = 6.0V
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
-50
-25
0
25
50
75
100 125
Ambient Temperature (°)
0
20
40
60
80
100
120
140
160
180
VDD = 6.0V
Phase Margin
Gain Bandwidth Product
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
1.1
1.2
-50
-25
0
25
50
75
100 125
Ambient Temperature (°)
0
20
40
60
80
100
120
140
160
180
VDD = 1.8V
Phase Margin
Gain Bandwidth Product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com