Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP6064T Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6064T
Description  60 關A, High Precision Op Amps
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6064T Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6064T Datasheet HTML 14Page - Microchip Technology MCP6064T Datasheet HTML 15Page - Microchip Technology MCP6064T Datasheet HTML 16Page - Microchip Technology MCP6064T Datasheet HTML 17Page - Microchip Technology MCP6064T Datasheet HTML 18Page - Microchip Technology MCP6064T Datasheet HTML 19Page - Microchip Technology MCP6064T Datasheet HTML 20Page - Microchip Technology MCP6064T Datasheet HTML 21Page - Microchip Technology MCP6064T Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 40 page
background image
MCP6061/2/4
DS22189B-page 18
© 2010 Microchip Technology Inc.
4.7
Application Circuits
4.7.1
GYRATOR
The MCP6061/2/4 op amps can be used in gyrator
applications. The gyrator is an electric circuit which can
make a capacitive circuit behave inductively.
Figure 4-8 shows an example of a gyrator simulating
inductance, with an approximately equivalent circuit
below. The two ZIN have similar values in typical
applications. The primary application for a gyrator is to
reduce the size and cost of a system by removing the
need for bulky, heavy and expensive inductors. For
example, RLC bandpass filter characteristics can be
realized with capacitors, resistors and operational
amplifiers without using inductors. Moreover, gyrators
will typically have higher accuracy than real inductors,
due to the lower cost of precision capacitors than
inductors.
.
FIGURE 4-8:
Gyrator.
4.7.2
INSTRUMENTATION AMPLIFIER
The MCP6061/2/4 op amps are well suited for
conditioning
sensor
signals
in
battery-powered
applications.
Figure 4-9
shows
a
two
op
amp
instrumentation amplifier, using the MCP6062, that
works well for applications requiring rejection of
common mode noise at higher gains. The reference
voltage (VREF) is supplied by a low impedance source.
In single supply applications, VREF is typically VDD/2.
FIGURE 4-9:
Two Op Amp
Instrumentation Amplifier.
To obtain the best CMRR possible, and not limit the
performance by the resistor tolerances, set a high gain
with the RG resistor.
4.7.3
PRECISION COMPARATOR
Use high gain before a comparator to improve the
latter’s input offset performance. Figure 4-10 shows a
gain of 11 V/V placed before a comparator. The
reference voltage VREF can be any value between the
supply rails.
FIGURE 4-10:
Precision, Non-inverting
Comparator.
RL
VOUT
Gyrator
ZIN
R
C
Z
IN
R
L
j
ωL
+
=
LR
LRC
=
RL
L
ZIN
Equivalent Circuit
MCP6061
V
OUT
V
1
V
2
–
() 1
R
1
R
2
------
2R
1
R
G
---------
++
⎝⎠
⎛⎞
V
REF
+
=
VREF R1
R2
R2
R1
VOUT
RG
V2
V1
½
MCP6062
½
MCP6062
VIN
1M
Ω
VOUT
100 k
Ω
MCP6541
VREF
MCP6061



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com