Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSTCC Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # CSTCC
Description  Ceramic Resonators (CERALOCK)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

CSTCC Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button CSTCC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. CSTCC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
VDD
Rf
To Frequency Counter
5pF
1M
Ω
Rd
C1
C2
(1)
(3)
(2)
c Oscillation Frequency Measuring Circuit
0.4
1.5
1.5
1.1
0.4
0.4
1.1
Land Pattern
(in mm)
c Standard Land Pattern Dimensions
0.4
0.4
0.4
0.8
Land Pattern
0.8
1.2
1.2
(in mm)
CSTCE_G15C
0.4
0.4
0.4
0.8
Land Pattern
0.8
1.2
1.2
(in mm)
-60
-40
-20
0
+20
+40
+60
+80
+100
+120
+140
+0.2
+0.1
0
-0.1
-0.2
Temperature (°C)
c Oscillation Frequency Temperature Stability
CSTCR_G15C
-60
-40
-20
0
+20
+40
+60
+80
+100
+120
+140
Temperature (°C)
+0.2
+0.1
0
-0.1
-0.2
CSTCE_G15C
-60
-40
-20
0
+20
+40
+60
+80
+100
+120
+140
+0.2
+0.1
0
-0.1
-0.2
Temperature (°C)
CSTCE_V13C
P16E.pdf
Nov.22,2012
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
CSTCR_G15C
(* This Land Pattern is not common to CSTCR_G.)
CSTCE_V13C
(* This Land Pattern is not common to CSTCE_V.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com