Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM78M06 Datasheet(PDF) 5 Page - First Components International

Part # LM78M06
Description  LM78M00Series-Terminal Low Current Positive Voltage Regulators
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM78M06 Datasheet(HTML) 5 Page - First Components International

  LM78M06 Datasheet HTML 1Page - First Components International LM78M06 Datasheet HTML 2Page - First Components International LM78M06 Datasheet HTML 3Page - First Components International LM78M06 Datasheet HTML 4Page - First Components International LM78M06 Datasheet HTML 5Page - First Components International LM78M06 Datasheet HTML 6Page - First Components International LM78M06 Datasheet HTML 7Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P5
LM78M00Series-Terminal Low Current
Positive Voltage Regulators
LM78M15 ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION
TEMPERATURE, V =23V,I
=350mA (unless otherwise noted)
I
LM78M18 ELECTRICAL CHARACTERISTICS AT SPECIFIED VIRTUAL JUNCTION
TEMPERATURE, V =27V,I
=350mA (unless otherwise noted)
I
PARAMETER
PARAMETER
TEST CONDITIONS*
TEST CONDITIONS*
LM78M15
LM78M18
MIN
MIN
TYP
TYP
MAX
MAX
UNIT
UNIT
Output voltage**
Input regulation
Ripple rejection
Output regulation
Temperature coefficient of
output voltage
Output noise voltage
Dropout voltage
Bias current
Bias current change
Short-circuit output current
Peak output current
Output voltage**
Input regulation
Ripple rejection
Output regulation
Temperature coefficient of
output voltage
Output noise voltage
Dropout voltage
Bias current
Bias current change
Short-circuit output current
Peak output current
I
= 5mA to 350mA,
VI= 17.5V to 30V,
P
15W
VI= 17.5V to 30V,
VI= 20V to 30V
I
= 5mA to 500mA
I
= 5mA to 200mA
f=10Hz to 100KHz
VI= 17.5V to 30V
I
= 5mA to 350mA
I
= 200mA
, I
= 200mA
I
= 5mA
, I
= 200mA
I
= 5mA to 350mA,
VI= 21V to 33V,
P
15W
VI= 21V to 33V,
VI= 24V to 33V
I
= 5mA to 500mA
I
= 5mA to 200mA
f=10Hz to 100KHz
VI= 21V to 33V
I
= 5mA to 350mA
I
= 200mA
, I
= 200mA
I
= 5mA
, I
= 200mA
VI= 18.5V to 28.5V,
f= 120Hz
VI= 22V to 32V,
f= 120Hz
I
= 100mA
I
= 300mA
I
=100mA
I
= 300mA
25
0
to 125
25
25
25
25
25
0
to 125
25
0
to 1
25
0
to 125
25
25
25
0
to 125
25
25
25
25
25
0
to 125
25
0
to 1
25
0
to 125
25
25
14.5
14.25
54
54
17.3
17.1
53
53
15
15
12
3
70
25
10
-1.0
90
2.0
4.7
240
0.7
18
18
15
5
70
25
10
-1.0
110
2.0
4.8
240
0.7
15.6
15.75
100
50
300
150
6
0.8
0.5
18.7
18.9
100
50
360
180
6
0.8
0.5
V
mV
dB
mV
mV/
V
V
mA
A
V
mV
dB
mV
mV/
V
V
mA
A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com