Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM339 Datasheet(PDF) 1 Page - First Components International

Part # LM339
Description  LM339 Quad Voltage Comparator Low Input Bias Current - 25nA(Typ)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LM339 Datasheet(HTML) 1 Page - First Components International

  LM339 Datasheet HTML 1Page - First Components International LM339 Datasheet HTML 2Page - First Components International LM339 Datasheet HTML 3Page - First Components International LM339 Datasheet HTML 4Page - First Components International LM339 Datasheet HTML 5Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LM339 Quad Voltage Comparator
QUAD VOLTAGE COMPARATORS
These comparators are designed for use in level detection, low–level sensing and memory
applications in consumer automotive and industrial electronic applications.
FEATURES
l Single or dual supplies
l Low Input Bias Current - 25nA(Typ)
l Low Input Offset Voltage - +1.0mV(Typ)
l Low Input Offset Current - +5.0nA(Typ)
l Input common-mode voltage range to GND
l Output Compatible with TTL, MOS,
and CMOS
l Low output saturation voltage - 130mV(Typ)
@ 4.0mA
PIN ARRANGEMENT
14 SOP LM339CS
14 DIP LM339CD
ABSOLUTE MAXIMUM RATINGS
Power Supply Voltage
V
CC
+36 or +18
V
Input Differential Voltage Range
V
IDR
36
V
Input Common Mode Voltage Range
V
ICR
-0.3 to +36
V
Output Short Circuit-to-Ground
I
SC
Continuous
mA
Power Dissipation @ 25oCP
D
1.0
W
Derate above 25oC
8.0
mW/oC
Operating Ambient Temperature Range
T
A
0 to 70
oC
Storage Temperature Range
T
S
-65 to 150
oC
Item
Symbol
Rating
Unit
Notes: 1. The max. output current may be as high as 20 mA, independent of the magnitude of V
CC , output short circuits to
V
CC can cause excessive heating and eventual destruction.
2. This magnitude of input current will only occur if the leads are driven more negative than ground or the negative
supply voltage. This is due to the input PNP collector base junction becooming forward biased, acting as an input
clamp diode. There is also a lateral PNP parasitic transistor action which can cause the output voltage of the
comparators to go to the V
CC voltage level (or ground if overdrive is large) during the time that an input is driven
negative. This will not destroy the device when limited to the max rating and normal output states will recover
when inputs become > ground or negative supply.
3. At output switch point, V
O = 1.4 Vdc, RS = 100 Ω with VCC from 5.0 Vdc to 30 Vdc, and over the full input
common mode range (0V to V
CC = –1.5V).
4. Due to the PNP transistor inputs, bias current will flow out of the inputs. This current is essentially constant,
independent of the output state, therefore, no loading changes will exist on the input lines.
5. Response time is specified with a 100mV step and 5.0mV of overdrive. For larger signals, 300ns is typical.
6. Positive excursions of input voltage may exceed the power supply level. As long as one of the inputs remain within
the common-mode range, the comparator will provide the proper output state.
5-3


Similar Part No. - LM339

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM339 MOTOROLA-LM339 Datasheet
124Kb / 6P
Quad Single Supply Comparators
Rev 2
logo
ON Semiconductor
LM339 ONSEMI-LM339 Datasheet
145Kb / 8P
Quad Single Supply Comparators
October, 1999 ??Rev. 3
logo
NXP Semiconductors
LM339 PHILIPS-LM339 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM339 STMICROELECTRONICS-LM339 Datasheet
163Kb / 10P
LOWPOWER QUAD VOLTAGE COMPARATORS
Mar-2003
logo
Intersil Corporation
LM339 INTERSIL-LM339 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results

Similar Description - LM339

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901_06 Datasheet
532Kb / 16P
Low power quad voltage comparator
18-Jul-2006
LM2901 STMICROELECTRONICS-LM2901_07 Datasheet
547Kb / 13P
Low power quad voltage comparator
19-Dec-2007
LM2901Q4T STMICROELECTRONICS-LM2901Q4T Datasheet
686Kb / 17P
Low-power quad voltage comparator
06-Feb-2012
logo
Analog Devices
CMP-02 AD-CMP-02_15 Datasheet
3Mb / 7P
LOW INPUT CURRENT PRECISION COMPARATOR
logo
Leshan Radio Company
LR339 LRC-LR339_15 Datasheet
134Kb / 6P
Low input biasing current: 25nA(Typ.)
logo
Solid State Optronic
AD4C542 SSOUSA-AD4C542 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD4C742 SSOUSA-AD4C742 Datasheet
298Kb / 8P
Low Input Control Current (2.5mA TYP)
AD6C941 SSOUSA-AD6C941 Datasheet
347Kb / 8P
Low Input Control Current (1mA TYP)
logo
Texas Instruments
OPA191 TI1-OPA191 Datasheet
2Mb / 45P
Low Offset Voltage, Low Input Bias Current Op Amp
logo
Maxim Integrated Produc...
MAX40079 MAXIM-MAX40079 Datasheet
1Mb / 18P
Single/Dual/Quad Ultra-Low Input Bias Current, Low-Noise Amplifiers
2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com