Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950-2.85 Datasheet(PDF) 2 Page - First Components International

Part # LP2950-2.85
Description  100mA Low Drop Out Voltage Regulators Portable consumer equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LP2950-2.85 Datasheet(HTML) 2 Page - First Components International

  LP2950-2.85 Datasheet HTML 1Page - First Components International LP2950-2.85 Datasheet HTML 2Page - First Components International LP2950-2.85 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICALCHARACTERISTICS(atT a=25
oC,VIN=15V;unlessotherwisenoted)
Parameter
Conditions (Note 2)
Min
Typ
Max
Units
Output Voltage
-25
°C≤TJ≤85°C
Full Operating Temperature
0.985 |V0|
0.98 |V0|
V0
1.015 |V0|
1.02 |V0|
V
Output Voltage
100
µA ≤ IL ≤ 100mA, TJ≤TJMAX
0.976|V0|
V0
1.024 |V0|
Output Voltage Temperature Coefficient
(Note 1)
50
150
ppm/
°C
Line Regulation (Note 3)
V0 + 1V ≤ Vin ≤ 30V (Note 4)
0.04
0.4
%
Load Regulation (Note 3)
100
µA ≤ IL ≤ 100mA
0.1
0.3
%
Dropout Voltage (Note 5)
IL=100 µA
IL=100 mA
50
380
80
450
mV
Ground Current
IL=100 µA
IL=100 mA
75
8
120
12
µA
mA
Dropout Ground Current
Vin=V0 - 0.5V, IL=100 µA
110
170
µA
Current Limit
Vout=0
160
200
mA
Thermal Regulation
0.05
0.2
%/W
Output Noise, 10Hz to 100KHz
CL=1µF
CL=200µF
CL=3.3µF
(Bypass=0.01
µF pins 7 to 1
(LP2951-XX))
430
160
100
µV rms
8-pin Versions only
Reference Voltage
1.21
1.235
1.26
V
Reference Voltage
Over Temperature (Note 6)
1.185
1.285
Feedback Pin Bias Current
20
40
nA
Reference Voltage Temperature Coefficient
(Note 7)
50
pp
m
/
°C
Feedback Pin Bias Current Temperature Coefficient
0.1
nA
/
°C
Error Comparator
Output Leakage Current
Voh=30V
0.01
1.0
µA
Output Low Voltage
Vin=4.5V, IOL=400 µA
150
250
mV
Upper Threshold Voltage
(Note 8)
40
60
Lower Threshold Voltage
(Note 8)
75
95
Hysteresis
(Note 8)
15
Shutdown Input
Input Logic Voltage
Low (Regulator ON)
High (Regulator OFF)
2
1.3
0.7
V
Shut down Pin Input Current
VS=2.4V
VS=30V
30
450
50
600
Regulator Output Current in Shutdown
(Note 9)
VOUT = 5.0 V
3
10
µA
3.3V
≤ VOUT < 5.0 V
20
2.0V
≤ VOUT < 3.3 V
30
Note 1: Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the total temperature range.
Note 2: Unless otherwise specified all limits guaranteed for TJ = 25°C, Vin = V0 + 1V, IL = 100µA and CL = 1µF. Additional conditions for the
8-pin versions are feedback tied to -XX V tap and output tied to output Sense (Vout = XX V) and Vshutdown ≤ 0.8 V
Note 3: Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specification for thermal regulation.
Note 4: Line regulation for LP2951-XX is tested at 150
°C for IL = 1mA. For IL = 100µA and TJ = 125°C, line regulation is guaranteed by design to
0.2%. See typical performance characteristics for line regulation versus temperature and load current.
Note 5: Dropout voltage is defined as the input to output differential at which the output voltage drops 100mV below its nominal value measured
at 1V differential. At very low values of programmed output voltage, the minimum input supply voltage of 2V (2.3V over temperature) must be
taken into account.
Note 6: Vref
≤ Vout ≤ (Vin - 1V), 2.3V ≤ Vin ≤ 30V, 100µA ≤ IL ≤ 100mA, TJ ≤ TJMAX
Note 7: Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range
Note 8: Comparator thresholds are expressed in terms of a voltage differential at the feedback terminal below the nominal reference voltage
measured at V0 + 1V input. To express these thresholds in terms of output voltage change, multiply by the error amplifier gain = Vout/Vref= (R1 +
R2)/R2. For example, at a programmed output voltage of 5V, the error output is guaranteed to go low when the output drops by 95mV x 5V/
1.235V=384mV. Thresholds remain constant as a percent of Vout as Vout is varied , with the dropout warning occurring at typically 5% below
nominal, 7.5% guaranteed.
Note 9: Vshutdown ≥ 2V, Vin ≤ 30V, Vout = 0, Feed-back pin tied to -XX V Tap.
LP2950/LP2951 100mA Low Drop Out Voltage Regulators



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com