Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VC20MA0160KBA Datasheet(PDF) 6 Page - AVX Corporation

Part # VC20MA0160KBA
Description  Transient Voltage Suppression, ESD Protection Devices & EMI Devices
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC20MA0160KBA Datasheet(HTML) 6 Page - AVX Corporation

Back Button VC20MA0160KBA Datasheet HTML 2Page - AVX Corporation VC20MA0160KBA Datasheet HTML 3Page - AVX Corporation VC20MA0160KBA Datasheet HTML 4Page - AVX Corporation VC20MA0160KBA Datasheet HTML 5Page - AVX Corporation VC20MA0160KBA Datasheet HTML 6Page - AVX Corporation VC20MA0160KBA Datasheet HTML 7Page - AVX Corporation VC20MA0160KBA Datasheet HTML 8Page - AVX Corporation VC20MA0160KBA Datasheet HTML 9Page - AVX Corporation VC20MA0160KBA Datasheet HTML 10Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
35
Glass Encapsulated SMD Varistor MLV
(VJ12, 20, 13, 14, 15)
Industrial MLV Range – M0 Series
INDUSTRIAL MLV RANGE – VJ12, 20, 13, 14, 15 M0 SERIES
FEATURES
• Glass encapsulation device with very low leakage current
under DC operating conditions
• Device available in case size 1206, 1210, 1812, 2220
(3220)
• Nickel and Tin (100%) plated Termination (Hybrid AgPdPt
termination available upon request)
• Bi-Directional protection. Fast Turn-On Time.
• Excellent transient clamping characteristics up to
1200amps peak current
• Multi strike capability. Provide EMC Capacitance
• RoHS Compliant
GENERAL CHARACTERISTICS
Storage Temperature: -55ºC to +150ºC
Operating Temperature: -55ºC to +125ºC
TYPICAL APPLICATIONS
Many uses to reduce transient over-voltage in the very wide
range of electronic products in the Professional, Industrial
and Consumer Applications.
Breakdown
Max.
Maximum
Energy
Max. Peak
Cap.
Type
Case Size
Vrms
VDC
Voltage
Clamping
Leakage
10*1000µs
Current
Typical
Voltage
Current
8*20µs
(1KHz/0.5V)
(V)
(V)
(V)
Vp (V)
lp (A)
µA
(J)
(A)
(pF)
VJ20M00140K---
1206
14
18
22±10%
38
1
20
0.5
200
900
VJ13M00140K---
1210
14
18
22±10%
38
2.5
20
1.6
400
1800
VJ14M00140K---
1812
14
18
22±10%
38
5
20
2.3
800
4200
VJ15M00140K---
2220
14
18
22±10%
38
10
20
5.8
1200
9600
VJ20M00170K---
1206
17
22
27±10%
44
1
20
0.6
200
800
VJ13M00170K---
1210
17
22
27±10%
44
2.5
20
1.7
500
2500
VJ14M00170K---
1812
17
22
27±10%
44
5
20
2.7
800
3700
VJ15M00170K---
2220
17
22
27±10%
44
10
20
7.2
1200
8600
VJ20M00200K---
1206
20
26
33±10%
54
1
20
0.7
200
550
VJ13M00200K---
1210
20
26
33±10%
54
2.5
20
1.9
500
1200
VJ14M00200K---
1812
20
26
33±10%
54
5
20
3
800
2800
VJ15M00200K---
2220
20
26
33±10%
54
10
20
7.8
1200
6400
VJ20M00250K---
1206
25
31
39±10%
65
1
20
1
200
500
VJ13M00250K---
1210
25
31
39±10%
65
2.5
20
1.7
500
1100
VJ14M00250K---
1812
25
31
39±10%
65
5
20
3.7
800
2600
VJ15M00250K---
2220
25
31
39±10%
65
10
20
9.6
1200
5800
VJ20M00300K---
1206
30
38
47±10%
77
1
20
1.1
200
400
VJ13M00300K---
1210
30
38
47±10%
77
2.5
20
2
400
1200
VJ14M00300K---
1812
30
38
47±10%
77
5
20
4.2
800
1800
VJ15M00300K---
2220
30
38
47±10%
77
10
20
12
1200
4200
VJ20M00350K---
1206
35
45
56±10%
90
1
20
0.6
200
260
VJ13M00350K---
1210
35
45
56±10%
90
2.5
20
1.5
300
1200
VJ14M00350K---
1812
35
45
56±10%
90
5
20
4
500
2500
VJ15M00350K---
2220
35
45
56±10%
90
10
20
10
1000
4000
VJ20M00400K---
1206
40
56
68±10%
110
1
20
0.7
100
190
VJ13M00400K---
1210
40
56
68±10%
110
2.5
20
2.3
250
380
VJ14M00400K---
1812
40
56
68±10%
110
5
20
4.8
500
800
VJ15M00400K---
2220
40
56
68±10%
110
10
20
9
1000
2000
VJ20M00500K---
1206
50
65
82±10%
135
1
20
0.8
100
130
VJ13M00500K---
1210
50
65
82±10%
135
2.5
20
1.6
250
700
VJ14M00500K---
1812
50
65
82±10%
135
5
20
4.5
400
600
VJ15M00500K---
2220
50
65
82±10%
135
10
20
7
800
1400
VJ20M00600K---
1206
60
85
100±10%
165
1
20
0.9
100
100
VJ13M00600K---
1210
60
85
100±10%
165
2.5
20
1.5
250
600
VJ14M00600K---
1812
60
85
100±10%
165
5
20
4.5
400
500
VJ15M00600K---
2220
60
85
100±10%
165
10
20
6.8
800
1100



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com