Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2950-3.0 Datasheet(PDF) 3 Page - First Components International

Part # LP2950-3.0
Description  100mA Low Drop Out Voltage Regulators Portable consumer equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

LP2950-3.0 Datasheet(HTML) 3 Page - First Components International

  LP2950-3.0 Datasheet HTML 1Page - First Components International LP2950-3.0 Datasheet HTML 2Page - First Components International LP2950-3.0 Datasheet HTML 3Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Block Diagram and Typical Applications
LP2950-XX
LP2951-XX
PAD LOCATION LP2951-XX
(For LP2950-XX fixed versions see Note 1)
Chip Size: 2.05 x 1.15 mm
Pad N
Pad Name
X (
µm)
Y (
µm)
1
Output
440
110
2
Sense
810
110
3
Shutdown
1250
110
4
Ground
1865
110
5
Error
1865
950
6
XX V tap
935
950
7
Feedback
735
950
8
Input
440
950
Note 1: For LP2950-XX: 8
- connected to Input
1,2 - connected to Output
4
- connected to GND
LP2950/LP2951 100mA Low Drop Out Voltage Regulators



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com