Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530ECUS Datasheet(PDF) 91 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECUS
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECUS Datasheet(HTML) 91 Page - Texas Instruments

Back Button OMAP3530ECUS Datasheet HTML 87Page - Texas Instruments OMAP3530ECUS Datasheet HTML 88Page - Texas Instruments OMAP3530ECUS Datasheet HTML 89Page - Texas Instruments OMAP3530ECUS Datasheet HTML 90Page - Texas Instruments OMAP3530ECUS Datasheet HTML 91Page - Texas Instruments OMAP3530ECUS Datasheet HTML 92Page - Texas Instruments OMAP3530ECUS Datasheet HTML 93Page - Texas Instruments OMAP3530ECUS Datasheet HTML 94Page - Texas Instruments OMAP3530ECUS Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
Table 2-4. Multiplexing Characteristics (continued)
CBB
CBC
CUS
MODE 0
MODE 1
MODE 2
MODE 3
MODE 4
MODE 5
MODE 6
MODE 7
Bottom
Top
Bottom
Top
AF14
NA
AB4
NA
AC13
i2c3_scl
gpio_184
safe_mode
AG14
NA
AC4
NA
AC12
i2c3_sda
gpio_185
safe_mode
AD26
NA
AD15
NA
Y16
i2c4_scl
sys_nvmode
safe_mode
1
AE26
NA
W16
NA
Y15
i2c4_sda
sys_nvmode
safe_mode
2
J25
NA
J23
NA
A24
hdq_sio
sys_altclk
i2c2_sccbe
i2c3_sccbe
gpio_170
safe_mode
AB3
NA
P9
NA
T5
mcspi1_clk
mmc2_dat4
gpio_171
safe_mode
AB4
NA
P8
NA
R4
mcspi1_simo mmc2_dat5
gpio_172
safe_mode
AA4
NA
P7
NA
T4
mcspi1_somi mmc2_dat6
gpio_173
safe_mode
AC2
NA
R7
NA
T6
mcspi1_cs0
mmc2_dat7
gpio_174
safe_mode
AC3
NA
R8
NA
NA
mcspi1_cs1
mmc3_cmd
gpio_175
safe_mode
AB1
NA
R9
NA
NA
mcspi1_cs2
mmc3_clk
gpio_176
safe_mode
AB2
NA
T8
NA
R5
mcspi1_cs3
hsusb2_tll_d hsusb2_data gpio_177
mm2_txdat
safe_mode
ata2
2
AA3
NA
W7
NA
N5
mcspi2_clk
hsusb2_tll_d hsusb2_data gpio_178
safe_mode
ata7
7
Y2
NA
W8
NA
N4
mcspi2_simo gpt9_pwm_e hsusb2_tll_d hsusb2_data gpio_179
safe_mode
vt
ata4
4
Y3
NA
U8
NA
N3
mcspi2_somi gpt10_pwm_ hsusb2_tll_d hsusb2_data gpio_180
safe_mode
evt
ata5
5
Y4
NA
V8
NA
M5
mcspi2_cs0
gpt11_pwm_ hsusb2_tll_d hsusb2_data gpio_181
safe_mode
evt
ata6
6
V3
NA
V9
NA
M4
mcspi2_cs1
gpt8_pwm_e hsusb2_tll_d hsusb2_data gpio_182
mm2_txen_n
safe_mode
vt
ata3
3
AE25
NA
AE20
NA
AA16
sys_32k
AE17
NA
AF19
NA
AD15
sys_xtalin
AF17
NA
AF20
NA
AD14
sys_xtalout
AF25
NA
W15
NA
Y13
sys_clkreq
gpio_1
safe_mode
AF26
NA
V16
NA
W16
sys_nirq
gpio_0
safe_mode
AH25
NA
V13
NA
AA10
sys_nrespwr
on
AF24
NA
AD7
NA
Y10
sys_nreswar
gpio_30
safe_mode
m
AH26
NA
F3
NA
AB12
sys_boot0
gpio_2
safe_mode
AG26
NA
D3
NA
AC16
sys_boot1
gpio_3
safe_mode
AE14
NA
C3
NA
AD17
sys_boot2
gpio_4
safe_mode
AF18
NA
E3
NA
AD18
sys_boot3
gpio_5
safe_mode
AF19
NA
E4
NA
AC17
sys_boot4
mmc2_dir_da
gpio_6
safe_mode
t2
AE21
NA
G3
NA
AB16
sys_boot5
mmc2_dir_da
gpio_7
safe_mode
t3
AF21
NA
D4
NA
AA15
sys_boot6
gpio_8
safe_mode
AF22
NA
V12
NA
AD23
sys_off_mod
gpio_9
safe_mode
e
AG25
NA
AE14
NA
Y7
sys_clkout1
gpio_10
safe_mode
AE22
NA
W11
NA
AA6
sys_clkout2
gpio_186
safe_mode
AA17
NA
U15
NA
AB7
jtag_ntrst
AA13
NA
V14
NA
AB6
jtag_tck
AA12
NA
W13
NA
AA7
jtag_rtck
AA18
NA
V15
NA
AA9
jtag_tms_tms
c
AA20
NA
U16
NA
AB10
jtag_tdi
AA19
NA
Y13
NA
AB9
jtag_tdo
AA11
NA
Y15
NA
AC24
jtag_emu0
gpio_11
safe_mode
AA10
NA
Y14
NA
AD24
jtag_emu1
gpio_31
safe_mode
AF10
NA
AB2
NA
AC1
etk_clk
mcbsp5_clkx mmc3_clk
hsusb1_stp
gpio_12
mm1_rxdp
hsusb1_tll_st hw_dbg0
p
AE10
NA
AB3
NA
AD3
etk_ctl
mmc3_cmd
hsusb1_clk
gpio_13
hsusb1_tll_cl hw_dbg1
k
Submit Documentation Feedback
TERMINAL DESCRIPTION
91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com