Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L2ACPE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLC27L2ACPE4
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2ACPE4 Datasheet(HTML) 1 Page - Texas Instruments

  TLC27L2ACPE4 Datasheet HTML 1Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 2Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 3Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 4Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 5Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 6Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 7Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 8Page - Texas Instruments TLC27L2ACPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Trimmed Offset Voltage:
TLC27L7 . . . 500
µV Max at 25°C,
VDD = 5 V
D Input Offset Voltage Drift . . . Typically
0.1
µV/Month, Including the First 30 Days
D Wide Range of Supply Voltages Over
Specified Temperature Range:
0
°C to 70°C...3 V to 16 V
−40
°C to 85°C...4 V to 16 V
−55
°C to 125°C...4 V to 16 V
D Single-Supply Operation
D Common-Mode Input Voltage Range
Extends Below the Negative Rail (C-Suffix,
I-Suffix Types)
D Ultra-Low Power ...Typically 95 µW
at 25
°C, VDD = 5 V
D Output Voltage Range Includes Negative
Rail
D High Input Impedance ...1012 Ω Typ
D ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
D Designed-In Latch-Up immunity
description
The TLC27L2 and TLC27L7 dual operational
amplifiers combine a wide range of input offset
voltage grades with low offset voltage drift, high
input impedance, extremely low power, and high
gain.
AVAILABLE OPTIONS
PACKAGE
TA
VIOmax
AT 25
°C
SMALL
OUTLINE
(D)
CHIP
CARRIER
(FK)
CERAMIC
DIP
(JG)
PLASTIC
DIP
(P)
0
°C
500
µV TLC27L7CD
TLC27L7CP
0
°C
to
500
µV
2 mV
TLC27L7CD
TLC27L2BCD
—
—
TLC27L7CP
TLC27L2BCP
to
70
°C
2 mV
5 mV
TLC27L2BCD
TLC27L2ACD
—
—
TLC27L2BCP
TLC27L2ACP
70
°C
5 mV
10 mV
TLC27L2ACD
TLC27L2CD
TLC27L2ACP
TLC27L2CP
−40
°C
500
µV TLC27L7ID
TLC27L7IP
−40
°C
to
500
µV
2 mV
TLC27L7ID
TLC27L2BID
—
—
TLC27L7IP
TLC27L2BIP
to
85
°C
2 mV
5 mV
TLC27L2BID
TLC27L2AID
—
—
TLC27L2BIP
TLC27L2AIP
85
°C
5 mV
10 mV
TLC27L2AID
TLC27L2ID
TLC27L2AIP
TLC27L2IP
−55
°C
to
500
µV
TLC27L7MD
TLC27L2MD
TLC27L7MFK
TLC27L7MJG
TLC27L7MP
to
125
°C
500
µV
10 mV
TLC27L2MD
TLC27L2MDRG4
TLC27L7MFK
TLC27L2MFK
TLC27L7MJG
TLC27L2MJG
TLC27L7MP
TLC27L2MP
The D package is available taped and reeled. Add R suffix to the device type
(e.g., TLC27L7CDR).
Copyright
 2005, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
LinCMOS is a trademark of Texas Instruments.
− 800
VIO − Input Offset Voltage − µV
30
800
0
− 400
0
400
5
10
15
20
25
DISTRIBUTION OF TLC27L7
INPUT OFFSET VOLTAGE
1
2
3
4
8
7
6
5
1OUT
1IN −
1IN +
GND
VDD
2OUT
2IN −
2IN +
D, JG, OR P PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN −
NC
NC
1IN −
NC
1IN +
NC
FK PACKAGE
(TOP VIEW)
NC − No internal connection
335 Units Tested From 2 Wafer Lots
VDD = 5 V
TA = 25°C
P Package


Similar Part No. - TLC27L2ACPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC27L2ACP TI-TLC27L2ACP Datasheet
538Kb / 33P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2ACP TI1-TLC27L2ACP Datasheet
1Mb / 50P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2ACP TI-TLC27L2ACP Datasheet
1Mb / 48P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2ACP TI1-TLC27L2ACP Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
OCTOBER 2005
TLC27L2ACPS TI-TLC27L2ACPS Datasheet
1Mb / 48P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results

Similar Description - TLC27L2ACPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC272 TI-TLC272 Datasheet
588Kb / 36P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_02 Datasheet
575Kb / 36P
LinCMOS??PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272BCDR TI-TLC272BCDR Datasheet
1Mb / 51P
LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272CPWR TI-TLC272CPWR Datasheet
1Mb / 51P
LinCMOS田?PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M7IDRG4 TI-TLC27M7IDRG4 Datasheet
1Mb / 50P
LINCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272IDR TI-TLC272IDR Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2ACDRG4 TI1-TLC27M2ACDRG4 Datasheet
1Mb / 50P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2_V01 Datasheet
1Mb / 48P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2_V01 Datasheet
1Mb / 49P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC272 TI-TLC272_V01 Datasheet
1Mb / 51P
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com