Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OMAP3530ECBB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OMAP3530ECBB
Description  OMAP3530/25 Applications Processor: OMAP 3 Architecture
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OMAP3530ECBB Datasheet(HTML) 3 Page - Texas Instruments

  OMAP3530ECBB Datasheet HTML 1Page - Texas Instruments OMAP3530ECBB Datasheet HTML 2Page - Texas Instruments OMAP3530ECBB Datasheet HTML 3Page - Texas Instruments OMAP3530ECBB Datasheet HTML 4Page - Texas Instruments OMAP3530ECBB Datasheet HTML 5Page - Texas Instruments OMAP3530ECBB Datasheet HTML 6Page - Texas Instruments OMAP3530ECBB Datasheet HTML 7Page - Texas Instruments OMAP3530ECBB Datasheet HTML 8Page - Texas Instruments OMAP3530ECBB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 264 page
background image
OMAP3530/25 Applications Processor
www.ti.com
SPRS507F – FEBRUARY 2008 – REVISED OCTOBER 2009
Embedded Trace Macro Interface (ETM)
• 1.8-V I/O and 3.0-V (MMC1 only),
Serial Data Transport Interface (SDTI)
0.985-V to 1.35-V Adaptive Processor Core
Voltage
• 12 32-bit General Purpose Timers
0.985-V to 1.35-V Adaptive Core Logic Voltage
• 2 32-bit Watchdog Timers
Note: These are default Operating
• 1 32-bit 32-kHz Sync Timer
Performance Point (OPP) voltages and could
• Up to 188 General-Purpose I/O (GPIO) Pins
be optimized to lower values using
(Multiplexed With Other Device Functions)
SmartReflex™ AVS.
• 65-nm CMOS Technology
• Applications:
• Package-On-Package (POP) Implementation
Portable Navigation Devices
for Memory Stacking (Not Available in CUS
Portable Media Player
Package)
Advanced Portable Consumer Electronics
• Discrete Memory Interface (Not Available in
Digital TV
CBC Package)
Digital Video Camera
• Packages:
Portable Data Collection
515-pin s-PBGA package (CBB Suffix),
Point-of-Sale Devices
.5mm Ball Pitch (Top), .4mm Ball Pitch
Gaming
(Bottom)
Web Tablet
515-pin s-PBGA package (CBC Suffix),
Smart White Goods
.65mm Ball Pitch (Top), .5mm Ball Pitch
Smart Home Controllers
(Bottom)
Ultra Mobile Devices
423-pin s-PBGA package (CUS Suffix),
.65mm Ball Pitch
Submit Documentation Feedback
OMAP3530/25 Applications Processor
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com