Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62590DRVR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62590DRVR
Description  1-A Step Down Converter in 2 x 2 QFN Package
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS62590DRVR Datasheet(HTML) 2 Page - Texas Instruments

  TPS62590DRVR Datasheet HTML 1Page - Texas Instruments TPS62590DRVR Datasheet HTML 2Page - Texas Instruments TPS62590DRVR Datasheet HTML 3Page - Texas Instruments TPS62590DRVR Datasheet HTML 4Page - Texas Instruments TPS62590DRVR Datasheet HTML 5Page - Texas Instruments TPS62590DRVR Datasheet HTML 6Page - Texas Instruments TPS62590DRVR Datasheet HTML 7Page - Texas Instruments TPS62590DRVR Datasheet HTML 8Page - Texas Instruments TPS62590DRVR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
TPS62590
SLVS897B
– JANUARY 2009 – REVISED APRIL 2011
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. ORDERING INFORMATION(1)
PART NUMBER
OUTPUT
PACKAGE
PACKAGE
TA
PACKAGE(3)
ORDERING
VOLTAGE(2)
DESIGNATOR
MARKING
–40°C to 85°C
TPS62590
adjustable
QFN 2 x 2
DRV
TPS62590DRV
OAL
(1)
The DRV (2-mm x 2-mm 6-terminal QFN) packages are available in tape on reel. Add R suffix to order quantities of 3000 parts per reel
(TPS62590DRVR), and T suffix to order quantities with 250 parts per reel (TPS62590DRVT)
.
(2)
Contact TI for other fixed output voltage options
(3)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
VI
Input voltage range(2)
–0.3 to 7
Voltage range at EN, MODE
–0.3 to VIN +0.3, ≤ 7
V
Voltage on SW
–0.3 to 7
Peak output current
Internally limited
A
HBM Human body model
2
kV
ESD rating(3)
CDM Charge device model
1
Machine model
200
V
TJ
Maximum operating junction temperature
–40 to 125
°C
Tstg
Storage temperature range
–65 to 150
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100-pF capacitor discharged through a 1.5-k
Ω resistor into each pin. The machine model is a 200-pF
capacitor discharged directly into each pin.
THERMAL INFORMATION
TPS62590
THERMAL METRIC(1)
UNITS
DRV (6 PINS)
θJA
Junction-to-ambient thermal resistance
69.4
θJCtop
Junction-to-case (top) thermal resistance
79.8
θJB
Junction-to-board thermal resistance
38.7
°C/W
ψJT
Junction-to-top characterization parameter
1.3
ψJB
Junction-to-board characterization parameter
39.1
θJCbot
Junction-to-case (bottom) thermal resistance
9.0
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VIN
Supply voltage
2.5
5.5
V
Output voltage range for adjustable voltage
0.75
VIN
V
TA
Operating ambient temperature
–40
85
°C
TJ
Operating junction temperature
–40
125
°C
2
Copyright
© 2009–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com