Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCM1606E/2K Datasheet(PDF) 25 Page - Texas Instruments

Part # PCM1606E/2K
Description  24-Bit, 192-kHz SAMPLING. 6-CHANNEL, ENHANCED MULTILEVEL, DELTA- SIGMA DIGITAL-TO-ANALOG CONVERTER
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PCM1606E/2K Datasheet(HTML) 25 Page - Texas Instruments

Back Button PCM1606E/2K Datasheet HTML 20Page - Texas Instruments PCM1606E/2K Datasheet HTML 21Page - Texas Instruments PCM1606E/2K Datasheet HTML 22Page - Texas Instruments PCM1606E/2K Datasheet HTML 23Page - Texas Instruments PCM1606E/2K Datasheet HTML 24Page - Texas Instruments PCM1606E/2K Datasheet HTML 25Page - Texas Instruments PCM1606E/2K Datasheet HTML 26Page - Texas Instruments PCM1606E/2K Datasheet HTML 27Page - Texas Instruments PCM1606E/2K Datasheet HTML 28Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
PCM1606
SLES014B − OCTOBER 2001 − REVISED AUGUST 2002
25
www.ti.com
APPLICATION INFORMATION
idle channel signal-to-noise ratio (continued)
S/PDIF
Receiver
Evaluation Board
DEM-DAI1606
PCM1606
2nd-Order
Low-Pass
Filter
Notch Filter
Band Limit
A-Weight
Filter†
Analyzer
and
Display
Digital
Generator
S/PDIF
Output
0% Full-Scale,
Dither Off (SNR)
−60 dB FS,
1 kHz Sine Wave
(Dynamic Range)
RMS Mode
HPF = 22 Hz
LPF = 22 kHz
Option = A-Weighting†
fc = 1 kHz
f−3 dB = 54 kHz
† Results without A-Weighting will be approximately 3 dB worse.
Figure 35. Test Setup for Dynamic Range and SNR Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com