Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2425CDG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # TLE2425CDG4
Description  PRECISION VIRTUAL GROUND
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLE2425CDG4 Datasheet(HTML) 1 Page - Texas Instruments

  TLE2425CDG4 Datasheet HTML 1Page - Texas Instruments TLE2425CDG4 Datasheet HTML 2Page - Texas Instruments TLE2425CDG4 Datasheet HTML 3Page - Texas Instruments TLE2425CDG4 Datasheet HTML 4Page - Texas Instruments TLE2425CDG4 Datasheet HTML 5Page - Texas Instruments TLE2425CDG4 Datasheet HTML 6Page - Texas Instruments TLE2425CDG4 Datasheet HTML 7Page - Texas Instruments TLE2425CDG4 Datasheet HTML 8Page - Texas Instruments TLE2425CDG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
TLE2425
PRECISION VIRTUAL GROUND
SLOS065D − MARCH 1991 − REVISED APRIL 2002
1
WWW.TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D 2.5-V Virtual Ground for 5-V/GND Analog
Systems
D High Output-Current Capability
Sink or Source . . . 20 mA Typ
D Micropower Operation . . . 170 µA Typ
D Excellent Regulation Characteristics
− Output Regulation
−45
µV Typ at IO = 0 to −10 mA
+15
µV Typ at IO = 0 to +10 mA
− Input Regulation = 1.5
µV/V Typ
D Low-Impedance Output . . . 0.0075 Ω Typ
D Macromodel Included
description
In signal-conditioning applications using a single
power source, a reference voltage is required for
termination of all signal grounds. To accomplish
this, engineers have typically used solutions
consisting of resistors, capacitors, operational
amplifiers, and voltage references. Texas Instru-
ments has eliminated all of those components
with one easy-to-use 3-terminal device. That
device is the TLE2425 precision virtual ground.
Use of the TLE2425 over other typical circuit
solutions gives the designer increased dynamic
signal range, improved signal-to-noise ratio,
lower distortion, improved signal accuracy, and
easier interfacing to ADCs and DACs. These
benefits are the result of combining a precision
micropower voltage reference and a high-perfor-
mance precision operational amplifier in a single
silicon chip. It is the precision and performance of
these two circuit functions together that yield such
dramatic system-level performance.
The TLE2425 improves input regulation as well as output regulation and, in addition, reduces output impedance
and power dissipation in a majority of virtual-ground-generation circuits. Both input regulation and load
regulation exceed 12 bits of accuracy on a single 5-V system. Signal-conditioning front ends of data acquisition
systems that push 12 bits and beyond can use the TLE2425 to eliminate a major source of system error.
AVAILABLE OPTIONS
TA
SMALL OUTLINE
(D)
PLASTIC
TO-226AA
(LP)
0
°C to 70°C
TLE2425CD
TLE2425CD
−40
°C to 85°C
TLE2425ID
TLE2425ID
−55
°C to 125°C
TLE2425MD
† The D package is available taped and reeled. Add R suffix to
the device type (e.g., TLE2425CDR).
Copyright
 2002, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
80
−20
0
20
60
40
−40
−60
−80
− 100
10
8
−2
0
2
6
4
−4
−6
−8
−10
100
OUTPUT REGULATION
IO − Output Current − mA
VI = 5 V
TA = − 55°C
TA = 25°C
TA = 125°C
TA = − 40°C
TA = 125°C
TA = − 55°C
TA = 0°C
TA = 25°C


Similar Part No. - TLE2425CDG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLE2425CD TI-TLE2425CD Datasheet
230Kb / 16P
PRECISION VIRTUAL GROUND
TLE2425CD TI2-TLE2425CD Datasheet
690Kb / 25P
PRECISION VIRTUAL GROUND
REVISED APRIL 2002
TLE2425CD.A TI2-TLE2425CD.A Datasheet
690Kb / 25P
PRECISION VIRTUAL GROUND
REVISED APRIL 2002
TLE2425CDR TI2-TLE2425CDR Datasheet
690Kb / 25P
PRECISION VIRTUAL GROUND
REVISED APRIL 2002
TLE2425CDR.A TI2-TLE2425CDR.A Datasheet
690Kb / 25P
PRECISION VIRTUAL GROUND
REVISED APRIL 2002
More results

Similar Description - TLE2425CDG4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
H5009-5012 INTERSIL-H5009-5012 Datasheet
26Kb / 3P
Virtual Ground Analog Switch
May 1999
logo
Texas Instruments
TLE2425 TI-TLE2425 Datasheet
230Kb / 16P
PRECISION VIRTUAL GROUND
TLE2426 TI-TLE2426 Datasheet
344Kb / 22P
THE RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-EP TI1-TLE2426-EP Datasheet
546Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
TLE2426-Q1 TI1-TLE2426-Q1 Datasheet
235Kb / 15P
THE "RAIL SPLITTER" PRECISION VIRTUAL GROUND
TLE2425CLP TI-TLE2425CLP Datasheet
451Kb / 22P
PRECISION VIRTUAL GROUND
TLE2426IDRG4 TI1-TLE2426IDRG4 Datasheet
1Mb / 30P
THE RAIL SPLITTER PRECISION VIRTUAL GROUND
logo
Integrated Device Techn...
89HPES10T4G2 IDT-89HPES10T4G2 Datasheet
281Kb / 30P
One virtual channel
89HPES16T4 IDT-89HPES16T4 Datasheet
793Kb / 31P
One virtual channel
logo
Texas Instruments
TLE2426-EP TI1-TLE2426-EP_16 Datasheet
763Kb / 15P
RAIL SPLITTER PRECISION VIRTUAL GROUND
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com