Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27L2IP Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27L2IP
Description  LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC27L2IP Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC27L2IP Datasheet HTML 17Page - Texas Instruments TLC27L2IP Datasheet HTML 18Page - Texas Instruments TLC27L2IP Datasheet HTML 19Page - Texas Instruments TLC27L2IP Datasheet HTML 20Page - Texas Instruments TLC27L2IP Datasheet HTML 21Page - Texas Instruments TLC27L2IP Datasheet HTML 22Page - Texas Instruments TLC27L2IP Datasheet HTML 23Page - Texas Instruments TLC27L2IP Datasheet HTML 24Page - Texas Instruments TLC27L2IP Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
TLC27L2, TLC27L2A, TLC27L2B, TLC27L7
LinCMOS PRECISION DUAL OPERATIONAL AMPLIFIERS
SLOS052D − OCTOBER 1987 − REVISED OCTOBER 2005
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 22
0.1
125
10000
45
65
85
105
1
10
100
1000
25
TA − Free-Air Temperature − °C
INPUT BIAS CURRENT AND INPUT OFFSET CURRENT
vs
FREE-AIR TEMPERATURE
VDD = 10 V
VIC = 5 V
See Note A
IIB
IIO
NOTE A: The typical values of input bias current and input offset
current below 5 pA were determined mathematically.
Figure 23
COMMON-MODE
INPUT VOLTAGE POSITIVE LIMIT
vs
SUPPLY VOLTAGE
0
VDD − Supply Voltage − V
16
16
0
24
6
8
10
12
14
2
4
6
8
10
12
14
TA = 25°C
Figure 24
No Load
VO = VDD/2
0
°C
−40
°C
80
70
60
50
40
30
20
10
14
12
10
8
6
4
2
0
16
90
VDD − Supply Voltage − V
0
125
°C
70
°C
25
°C
TA = − 55°C
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
Figure 25
50
40
30
20
10
100
75
50
25
0
−25
−50
0
125
60
TA − Free-Air Temperature − °C
−75
VDD = 5 V
VDD = 10 V
No Load
VO = VDD/2
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com