Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC595 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74HC595
Description  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC595 Datasheet(HTML) 5 Page - Diodes Incorporated

  74HC595 Datasheet HTML 1Page - Diodes Incorporated 74HC595 Datasheet HTML 2Page - Diodes Incorporated 74HC595 Datasheet HTML 3Page - Diodes Incorporated 74HC595 Datasheet HTML 4Page - Diodes Incorporated 74HC595 Datasheet HTML 5Page - Diodes Incorporated 74HC595 Datasheet HTML 6Page - Diodes Incorporated 74HC595 Datasheet HTML 7Page - Diodes Incorporated 74HC595 Datasheet HTML 8Page - Diodes Incorporated 74HC595 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74HC595
Document number: DS35492 Rev. 3 - 2
5 of 11
www.diodes.com
June 2013
© Diodes Incorporated
74HC595
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
High-Level
Input Voltage
2.0V
1.5
1.2
1.5
1.5
V
4.5V
3.15
2.4
3.15
3.15
6.0V
4.2
3.2
4.2
4.2
VIL
Low-Level
Input Voltage
2.0V
0.8
0.5
0.5
0.5
V
4.5V
2.1
1.35
1.35
1.35
6.0V
2.8
1.8
1.8
1.8
VOH
High-Level
Output
Voltage
IOH = -20μA
All outputs
2.0V
1.9
2.0
1.9
1.9
V
4.5V
4.4
4.5
4.4
4.4
6.0V
5.9
6.0
5.9
5.9
Q7 output
IOH = -4.0mA
4.5V
3.84
4.32
4.32
3.7
IOH = -5.2mA
6.0V
5.34
5.81
5.81
5.2
Qn Bus
Outputs
IOH = -6.0mA
4.5V
3.84
4.32
4.32
3.7
IOH = -7.8mA
6.0V
5.34
5.81
5.81
5.2
VOL
Low-Level
Output
Voltage
IOL = 20μA
All outputs
2.0V
0
0.1
0.1
0.1
V
4.5V
0
0.1
0.1
0.1
6.0V
0
0.1
0.1
0.1
Q7 output
IOL = 4.0mA
4.5V
.15
0.33
0.33
0.4
IOL = 5.2mA
6.0V
.16
0.33
0.33
0.4
Qn Bus
Outputs
IOL = 6.0mA
4.5V
.15
0.33
0.33
0.4
IOL = 7.8mA
6.0V
.16
0.33
0.33
0.4
II
Input Current
VI =GND to 5.5V
6.0V
±0.1
± 1
± 1
μA
IOZ
OFF-state
output current
Qn internal high or
low
Vo = Vcc or Gnd
6.0V
± 5
± 5
± 10
μA
ICC
Supply
Current
VI = GND or VCC
IO = 0
6.0V
8.0
80
160
μA
Ci
Input
Capacitance
Vi = VCC or GND
6.0V
4
10
10
10
pF
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC = 5V
Unit
Typ
Cpd
Power dissipation
capacitance
f = 1 MHz all outputs switching-no load
43
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com