Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY3663 Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # CY3663
Description  EZ-OTG??Programmable USB On-The-Go Host/Peripheral Controller
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY3663 Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button CY3663 Datasheet HTML 45Page - Cypress Semiconductor CY3663 Datasheet HTML 46Page - Cypress Semiconductor CY3663 Datasheet HTML 47Page - Cypress Semiconductor CY3663 Datasheet HTML 48Page - Cypress Semiconductor CY3663 Datasheet HTML 49Page - Cypress Semiconductor CY3663 Datasheet HTML 50Page - Cypress Semiconductor CY3663 Datasheet HTML 51Page - Cypress Semiconductor CY3663 Datasheet HTML 52Page - Cypress Semiconductor CY3663 Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 92 page
background image
CY7C67200
Document Number: 38-08014 Rev. *I
Page 49 of 92
Transmit Ready (Bit 4)
The Transmit Ready bit is a read only bit that indicates if the HSS
Transmit FIFO is ready for the CPU to load new data for trans-
mission.
1: HSS transmit FIFO ready for loading
0: HSS transmit FIFO not ready for loading
Packet Mode Select (Bit 3)
The Packet Mode Select bit selects between Receive Packet
Ready and Receive Ready as the interrupt source for the RxIntr
interrupt.
1: Selects Receive Packet Ready as the source
0: Selects Receive Ready as the source
Receive Overflow Flag (Bit 2)
The Receive Overflow Flag bit indicates if the Receive FIFO
overflowed when set. This flag can be cleared by writing a ‘1’ to
this bit.
1: Overflow occurred
0: Overflow did not occur
Receive Packet Ready Flag (Bit 1)
The Receive Packet Ready Flag bit is a read only bit that
indicates if the HSS receive FIFO is full with eight bytes.
1: HSS receive FIFO is full
0: HSS receive FIFO is not full
Receive Ready Flag (Bit 0)
The Receive Ready Flag is a read only bit that indicates if the
HSS receive FIFO is empty.
1: HSS receive FIFO is not empty (one or more bytes is reading
for reading)
0: HSS receive FIFO is empty
HSS Baud Rate Register [0xC072] [R/W]
Figure 49. HSS Baud Rate Register
Bit #
15
14
13
12
11
10
9
8
Field
Reserved
Baud...
Read/Write
-
-
-
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Bit #
7
6
5
4
3
2
1
0
Field
...Baud
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
1
0
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com