Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9959BCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # AD9959BCPZ
Description  4-Channel, 500 MSPS DDS with 10-Bit DACs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9959BCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9959BCPZ Datasheet HTML 17Page - Analog Devices AD9959BCPZ Datasheet HTML 18Page - Analog Devices AD9959BCPZ Datasheet HTML 19Page - Analog Devices AD9959BCPZ Datasheet HTML 20Page - Analog Devices AD9959BCPZ Datasheet HTML 21Page - Analog Devices AD9959BCPZ Datasheet HTML 22Page - Analog Devices AD9959BCPZ Datasheet HTML 23Page - Analog Devices AD9959BCPZ Datasheet HTML 24Page - Analog Devices AD9959BCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
AD9959
Rev. B | Page 21 of 44
REF_CLK
PIN 23
25MHz
XTAL
REF_CLK
PIN 22
39pF
39pF
Figure 35.Crystal Input Configuration
SCALABLE DAC REFERENCE CURRENT CONTROL
MODE
RSET is common to all four DACs. As a result, the full-scale
currents are equal by default. The scalable DAC reference can
be used to set the full-scale current of each DAC independent
from one another. This is accomplished by using the register
bits CFR[9:8]. Table 5 shows how each DAC can be individually
scaled for independent channel control. This scaling provides
for binary attenuation.
Table 5. DAC Full-Scale Current Control
CFR[9:8]
LSB Current State
11
Full scale
01
Half scale
10
Quarter scale
00
Eighth scale
POWER-DOWN FUNCTIONS
The AD9959 supports an externally controlled power-down
feature and the more common software programmable power-
down bits found in previous Analog Devices DDS products.
The software control power-down allows the input clock circui-
try, the DAC, and the digital logic (for each separate channel) to
be individually powered down via unique control bits (CFR[7:6]).
These bits are not active when the externally controlled power-
down pin (PWR_DWN_CTL) is high. When the input pin,
PWR_DWN_CTL, is high, the AD9959 enters a power-down
mode based on the FR1[6] bit. When the PWR_DWN_CTL
input pin is low, the external power-down control is inactive.
When FR1[6] = 0 and the PWR_DWN_CTL input pin is high,
the AD9959 is put into a fast recovery power-down mode. In
this mode, the digital logic and the DAC digital logic are powered
down. The DAC bias circuitry, PLL, oscillator, and clock input
circuitry are not powered down.
When FR1[6] = 1 and the PWR_DWN_CTL input pin is high,
the AD9959 is put into full power-down mode. In this mode, all
functions are powered down. This includes the DAC and PLL,
which take a significant amount of time to power up. When the
PLL is bypassed, the PLL is shut down to conserve power.
When the PWR_DWN_CTL input pin is high, the individual
power-down bits (CFR[7:6] and FR1[7]) are invalid (don’t care)
and unused. When the PWR_DWN_CTL input pin is low, the
individual power-down bits control the power-down modes of
operation.
Note that the power-down signals are all designed such that
Logic 1 indicates the low power mode and Logic 0 indicates the
powered-up mode.
MODULATION MODE
The AD9959 can perform 2-/4-/8-/16-level modulation of
frequency, phase, or amplitude. Modulation is achieved by
applying data to the profile pins. Each channel can be program-
med separately, but the ability to modulate multiple channels
simultaneously is constrained by the limited number of profile
pins. For instance, 16-level modulation uses all four profile pins,
which inhibits modulation for three channels.
In addition, the AD9959 has the ability to ramp up or ramp
down the output amplitude before, during, or after a modulation
(FSK, PSK only) sequence. This is performed by using the 10-bit
output scalar. If the RU/RD feature is desired, unused profile
pins or unused SDIO_1/SDIO_2/SDIO_3 pins can be confi-
gured to initiate the operation. See the Output Amplitude
Control Mode section for more details of the RU/RD feature.
In modulation mode, each channel has its own set of control
bits to determine the type (frequency, phase, or amplitude)
of modulation. Each channel has 16 profile (channel word)
registers for flexibility. Register 0x0A through Register 0x18
are profile registers for modulation of frequency, phase, or
amplitude. Register 0x04, Register 0x05, and Register 0x06
are dedicated registers for frequency, phase, and amplitude,
respectively. These registers contain the first frequency, phase
offset, and amplitude word.
Frequency modulation has 32-bit resolution, phase modulation is
14 bits, and amplitude is 10 bits. When modulating phase or
amplitude, the word value must be MSB aligned in the profile
(channel word) registers and the unused bits are don’t care bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com