Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY8C56LP Datasheet(PDF) 85 Page - Cypress Semiconductor

Part # CY8C56LP
Description  Programmable System-on-Chip (PSoC짰)
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY8C56LP Datasheet(HTML) 85 Page - Cypress Semiconductor

Back Button CY8C56LP_13 Datasheet HTML 81Page - Cypress Semiconductor CY8C56LP_13 Datasheet HTML 82Page - Cypress Semiconductor CY8C56LP_13 Datasheet HTML 83Page - Cypress Semiconductor CY8C56LP_13 Datasheet HTML 84Page - Cypress Semiconductor CY8C56LP_13 Datasheet HTML 85Page - Cypress Semiconductor CY8C56LP_13 Datasheet HTML 86Page - Cypress Semiconductor CY8C56LP_13 Datasheet HTML 87Page - Cypress Semiconductor CY8C56LP_13 Datasheet HTML 88Page - Cypress Semiconductor CY8C56LP_13 Datasheet HTML 89Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 120 page
background image
PSoC® 5LP: CY8C56LP Family
Datasheet
Document Number: 001-84935 Rev. *C
Page 85 of 120
11.5.4 Analog Globals
11.5.5 Comparator
Table 11-26. Analog Globals DC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Rppag
Resistance pin-to-pin through
P2[4], AGL0, DSM INP, AGL1,
P2[5][48]
VDDA = 3.0 V
–
1500
2200
Ω
VDDA = 1.71 V
–
1200
1700
Ω
Rppmuxbus
Resistance pin-to-pin through
P2[3], amuxbusL, P2[4][48]
VDDA = 3.0 V
–
700
1100
Ω
VDDA = 1.71 V
–
600
900
Ω
Table 11-27. Analog Globals AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Inter-pair crosstalk for analog
routes[49, 50]
106
––dB
BWag
Analog globals 3 db bandwidth[50] VDDA = 3.0 V, 25 °C
–
26
–
MHz
Notes
48. Based on device characterization (Not production tested).
49. This value is calculated, not measured.
50. Pin P6[4] to del-sig ADC input; calculated, not measured.
51. The recommended procedure for using a custom trim value for the on-chip comparators are found in the TRM.
Table 11-28. Comparator DC Specifications[51]
Parameter
Description
Conditions
Min
Typ
Max
Units
VOS
Input offset voltage in fast mode
Factory trim, VDDA > 2.7 V,
VIN ≥ 0.5 V
–10
mV
Input offset voltage in slow mode
Factory trim, Vin
≥ 0.5 V
–
9
mV
VOS
Input offset voltage in fast mode
Custom trim
–
–
4
mV
Input offset voltage in slow mode[51] Custom trim
–
–
4
mV
VOS
Input offset voltage in ultra low
power mode
–±12
–
mV
TCVos
Temperature coefficient, input offset
voltage
VCM = VDDA / 2, fast mode
–
63
85
µV/°C
VCM = VDDA / 2, slow mode
–
15
20
VHYST
Hysteresis
Hysteresis enable mode
–
10
32
mV
VICM
Input common mode voltage
High current / fast mode
VSSA
–VDDA
V
Low current / slow mode
VSSA
–VDDA
V
Ultra low power mode
VSSA
–VDDA –
1.15
V
CMRR
Common mode rejection ratio
–
50
–
dB
ICMP
High current mode/fast mode
–
–
400
µA
Low current mode/slow mode
–
–
100
µA
Ultra low power mode
–
6
–
µA
Table 11-29. Comparator AC Specifications[51]
Parameter
Description
Conditions
Min
Typ
Max
Units
TRESP
Response time, high current mode 50 mV overdrive, measured
pin-to-pin
–
75
110
ns
Response time, low current mode 50 mV overdrive, measured
pin-to-pin
–
155
200
ns
Response time, ultra low power
mode
50 mV overdrive, measured
pin-to-pin
–55
–
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com