Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AMP03GSZ Datasheet(PDF) 1 Page - Analog Devices

Part # AMP03GSZ
Description  Precision, Unity-Gain Differential Amplifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AMP03GSZ Datasheet(HTML) 1 Page - Analog Devices

  AMP03GSZ Datasheet HTML 1Page - Analog Devices AMP03GSZ Datasheet HTML 2Page - Analog Devices AMP03GSZ Datasheet HTML 3Page - Analog Devices AMP03GSZ Datasheet HTML 4Page - Analog Devices AMP03GSZ Datasheet HTML 5Page - Analog Devices AMP03GSZ Datasheet HTML 6Page - Analog Devices AMP03GSZ Datasheet HTML 7Page - Analog Devices AMP03GSZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
REV. F
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties that
may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
www.analog.com
Fax: 781/326-8703
© 2003 Analog Devices, Inc. All rights reserved.
a
AMP03
Precision, Unity-Gain
Differential Amplifier
FEATURES
High CMRR: 100 dB Typ
Low Nonlinearity: 0.001% Max
Low Distortion: 0.001% Typ
Wide Bandwidth: 3 MHz Typ
Fast Slew Rate: 9.5 V/ s Typ
Fast Settling (0.01%): 1
s Typ
Low Cost
APPLICATIONS
Summing Amplifiers
Instrumentation Amplifiers
Balanced Line Receivers
Current-Voltage Conversion
Absolute Value Amplifier
4to 20 mA Current Transmitter
Precision Voltage Reference Applications
Lower Cost and Higher Speed Version of INA105
GENERAL DESCRIPTION
The AMP03 is a monolithic unity-gain, high speed differential
amplifier. Incorporating a matched thin film resistor network,
the AMP03 features stable operation over temperature without
requiring expensive external matched components. The AMP03
is a basic analog building block for differential amplifier and
instrumentation applications.
The differential amplifier topology of the AMP03 both amplifies
the difference between two signals and provides extremely high
rejection of the common-mode input voltage. By providing
common-mode rejection (CMR) of 100 dB typical, the AMP03
solves common problems encountered in instrumentation design.
As an example, the AMP03 is ideal for performing either addi-
tion or subtraction of two signals without using expensive
externally matched precision resistors. The large common-mode
rejection is made possible by matching the internal resistors to
better than 0.002% and maintaining a thermally symmetric
layout. Additionally, due to high CMR over frequency, the
AMP03 is an ideal general amplifier for buffering signals in a
noisy environment into data acquisition systems.
The AMP03 is a higher speed alternative to the INA105.
Featuring slew rates of 9.5 V/
µs and a bandwidth of 3 MHz, the
AMP03 offers superior performance to the INA105 for high
speed current sources, absolute value amplifiers, and summing
amplifiers.
FUNCTIONAL BLOCK DIAGRAM
–IN
+IN
SENSE
+VCC
OUTPUT
–VEE
REFERENCE
25k
25k
25k
25k
6
7
1
2
3
4
5
AMP03
PIN CONNECTIONS
8-Lead PDIP
(P Suffix)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
AMP03
REFERENCE
SENSE
OUTPUT
V+
NC
–IN
+IN
V–
8-Lead SOIC
(S Suffix)
1
2
3
4
8
7
6
5
TOP VIEW
(Not to Scale)
NC = NO CONNECT
AMP03
REFERENCE
SENSE
OUTPUT
V+
NC
–IN
+IN
V–
Header
(J Suffix)
8
REFERENCE 1
–IN 2
+IN 3
7 V+
6 OUTPUT
5 SENSE
4
V–
NC
NC = NO CONNECT


Similar Part No. - AMP03GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03GS AD-AMP03GS Datasheet
281Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV.E
AMP03GS AD-AMP03GS Datasheet
258Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV. F
AMP03GS-REEL AD-AMP03GS-REEL Datasheet
281Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV.E
AMP03GS-REEL AD-AMP03GS-REEL Datasheet
258Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV. F
More results

Similar Description - AMP03GSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AMP03 AD-AMP03 Datasheet
281Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV.E
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
Precision Unity Gain DIFFERENTIAL AMPLIFIER
INA106 BURR-BROWN-INA106 Datasheet
175Kb / 6P
Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AMP03 AD-AMP03_03 Datasheet
258Kb / 8P
Precision, Unity-Gain Differential Amplifier
REV. F
AD8475 AD-AD8475 Datasheet
554Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
REV. B
logo
Texas Instruments
INA106U TI1-INA106U Datasheet
1Mb / 13P
Precision Gain = 10 DIFFERENTIAL AMPLIFIER
INA105 TI1-INA105 Datasheet
716Kb / 17P
Precision Unity Gain DIFFERENTIAL AMPLIFIER
INA106 TI1-INA106 Datasheet
1Mb / 14P
Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
REV. B
AD8475 AD-AD8475_17 Datasheet
549Kb / 24P
Precision, Selectable Gain, Fully Differential Funnel Amplifier
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com