Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST308 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SST308
Description  Very High System Sensitivity
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST308 Datasheet(HTML) 2 Page - Vishay Siliconix

  SST308 Datasheet HTML 1Page - Vishay Siliconix SST308 Datasheet HTML 2Page - Vishay Siliconix SST308 Datasheet HTML 3Page - Vishay Siliconix SST308 Datasheet HTML 4Page - Vishay Siliconix SST308 Datasheet HTML 5Page - Vishay Siliconix SST308 Datasheet HTML 6Page - Vishay Siliconix SST308 Datasheet HTML 7Page - Vishay Siliconix SST308 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
J/SST/U308 Series
Vishay Siliconix
www.vishay.com
2
Document Number: 70237
S-50149—Rev. H, 24-Jan-05
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage
−25 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Gate Current :
(J/SST Prefixes)
10 mA
. . . . . . . . . . . . . . . . . . . .
(U Prefix)
20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (1/16” from case for 10 sec.)
300_C
. . . . . . . . . . . . . . . . . . .
Storage Temperature :
(J/SST Prefixes)
−55 to 150_C
. . . . . . . . . . . . . .
(U Prefix)
−65 to 175_C
. . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature
−55 to 150_C
. . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation :
(J/SST Prefixes)a
350 mW
. . . . . . . . . . . . . . . . .
(U Prefix)b
500 mW
. . . . . . . . . . . . . . . . . . . . . . .
Notes
a.
Derate 2.8 mW/_C above 25_C
b.
Derate 4 mW/_C above 25_C
SPECIFICATIONS FOR J/SST308, J/SST309 AND J/SST310 (TA = 25_C UNLESS NOTED)
Limits
J/SST308
J/SST309
J/SST310
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = −1 mA , VDS = 0 V
−35
−25
−25
−25
V
Gate-Source Cutoff Voltage
VGS(off)
VDS = 10 V, ID = 1 nA
−1
−6.5
−1
−4
−2
−6.5
V
Saturation Drain Currentb
IDSS
VDS = 10 V, VGS = 0 V
12
60
12
30
24
60
mA
Gate Reverse Current
IGSS
VGS = −15 V, VDS = 0 V
−0.002
−1
−1
−1
nA
Gate Reverse Current
IGSS
TA = 125_C
−0.001
−1
−1
−1
mA
Gate Operating Current
IG
VDG = 9 V, ID = 10 mA
−15
pA
Drain-Source On-Resistance
rDS(on)
VGS = 0 V, ID = 1 mA
35
W
Gate-Source Forward Voltage
VGS(F)
IG = 10 mA
VDS = 0 V
J
0.7
1
1
1
V
Dynamic
Common-Source
Forward Transconductance
gfs
VDS = 10 V, ID = 10 mA
14
8
10
8
mS
Common-Source
Output Conductance
gos
VDS = 10 V, ID = 10 mA
f = 1 kHz
110
250
250
250
mS
Common-Source
Ci
J
4
5
5
5
Common-Source
Input Capacitance
Ciss
VDS = 10 V
V
10 V
SST
4
pF
Common-Source
C
Crss
DS
VGS = −10 V
f = 1 MHz
J
1.9
2.5
2.5
2.5
pF
Common Source
Reverse Transfer Capacitance
Crss
f = 1 MHz
SST
1.9
Equivalent Input
Noise Voltage
en
VDS = 10 V, ID = 10 mA
f = 100 Hz
6
nV⁄
√Hz
High Frequency
Common-Gate
gf
f = 105 MHz
14
Common-Gate
Forward Transconductance
gfg
f = 450 MHz
13
mS
Common-Gate
g
f = 105 MHz
0.16
mS
Common-Gate
Output Conductance
gog
VDS = 10 V
f = 450 MHz
0.55
Common Gate Power Gainc
G
VDS = 10 V
ID = 10 mA
f = 105 MHz
16
Common-Gate Power Gainc
Gpg
f = 450 MHz
11.5
dB
Noise Figure
NF
f = 105 MHz
1.5
dB
Noise Figure
NF
f = 450 MHz
2.7
Notes
a.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
NZB
b.
Pulse test: PW v300 ms duty cycle v3%.
c.
Gain (Gpg) measured at optimum input noise match.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com