Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-LS1240A Datasheet(PDF) 1 Page - STMicroelectronics

Part # E-LS1240A
Description  Low current consumption, in order to allow the parallel operation of 4 devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-LS1240A Datasheet(HTML) 1 Page - STMicroelectronics

  E-LS1240A Datasheet HTML 1Page - STMicroelectronics E-LS1240A Datasheet HTML 2Page - STMicroelectronics E-LS1240A Datasheet HTML 3Page - STMicroelectronics E-LS1240A Datasheet HTML 4Page - STMicroelectronics E-LS1240A Datasheet HTML 5Page - STMicroelectronics E-LS1240A Datasheet HTML 6Page - STMicroelectronics E-LS1240A Datasheet HTML 7Page - STMicroelectronics E-LS1240A Datasheet HTML 8Page - STMicroelectronics E-LS1240A Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
August 2006
Rev 2
1/9
9
LS1240
Electronic two-tone ringer
Features
■ Low current consumption, in order to allow the
parallel operation of 4 devices
■ Integrated rectifier bridge with zener diodes to
protect against over voltages little external
circuitry
■ Tone and switching frequencies adjustable by
external components
■ Integrated voltage and current hysteresis
Description
LS1240 is a monolithic integrated circuit designed
to replace the mechanical bell in telephone sets in
connection with an electro-acoustical converter. It
can drive directly a piezoceramic converter
(buzzer) or a dynamic loudspeaker.
The output current capability of LS1240 is higher
than the one of a standard ringer. To drive a
dynamic loudspeaker LS1240 can simply use a
decoupling capacitor, thus eliminating the usual
transformer.
No current limitation is provided on the output
stage of LS1240, so a minimum load DC of 50
Ω
is advised, in series with a proper capacitor.
The two tone frequencies generated are switched
by an internal oscillator in a fast sequence and
are made audible across an output amplifier in the
loudspeaker. Both tone frequencies and the
switching frequency can be externally adjusted.
The supply voltage is obtained from the AC ring
signal and the circuit is designed so that noise on
the line or variations of the ringing signal cannot
affect correct operation of the device.
Pin connection (top view)
Minidip
SO8
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - E-LS1240A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
E-LS1240A STMICROELECTRONICS-E-LS1240A Datasheet
245Kb / 9P
Electronic two-tone ringer
23-Aug-2006
E-LS1240AD1 STMICROELECTRONICS-E-LS1240AD1 Datasheet
245Kb / 9P
Electronic two-tone ringer
23-Aug-2006
More results

Similar Description - E-LS1240A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AVR1010 ATMEL-AVR1010 Datasheet
218Kb / 13P
Minimizing the power consumption of Atmel AVR XMEGA devices
logo
Future Technology Devic...
V2DIP1-32 FTDI-V2DIP1-32 Datasheet
893Kb / 21P
Designed to allow rapid development of designs using the VNC2-32Q IC
V2DIP1-48 FTDI-V2DIP1-48 Datasheet
958Kb / 25P
Designed to allow rapid development of designs using the VNC2-48Q IC
V2DIP1-64 FTDI-V2DIP1-64 Datasheet
998Kb / 26P
Designed to allow rapid development of designs using the VNC2-64Q IC
V2DIP2-32 FTDI-V2DIP2-32 Datasheet
748Kb / 20P
Designed to allow rapid development of designs using the VNC2-32Q IC
logo
Zilog, Inc.
Z84C1506FEG ZILOG-Z84C1506FEG Datasheet
1Mb / 65P
LOW POWER CONSUMPTION IN FOUR OPERATION MODES
logo
STMicroelectronics
AN320 STMICROELECTRONICS-AN320 Datasheet
123Kb / 13P
In the field of parallel protection, the devices used have two main functions in transient operation
05-Jul-2010
logo
Seiko Instruments Inc
S19400 SII-S19400 Datasheet
1Mb / 29P
FOR AUTOMOTIVE 125C OPERATION LOW CURRENT CONSUMPTION
logo
IQD Frequency Products ...
IQCM-EV IQD-IQCM-EV Datasheet
682Kb / 1P
Designed to allow simplified testing and evaluation of the clock modules
logo
Seiko Instruments Inc
S-19680AAAH-K8T2U SII-S-19680AAAH-K8T2U Datasheet
3Mb / 27P
Current consumption during operation
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com