Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB45NF06T4 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STB45NF06T4
Description  N-channel 60 V, 0.023 廓, 38 A TO-220, D2PAK STripFETTM II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB45NF06T4 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STB45NF06T4 Datasheet HTML 7Page - STMicroelectronics STB45NF06T4 Datasheet HTML 8Page - STMicroelectronics STB45NF06T4 Datasheet HTML 9Page - STMicroelectronics STB45NF06T4 Datasheet HTML 10Page - STMicroelectronics STB45NF06T4 Datasheet HTML 11Page - STMicroelectronics STB45NF06T4 Datasheet HTML 12Page - STMicroelectronics STB45NF06T4 Datasheet HTML 13Page - STMicroelectronics STB45NF06T4 Datasheet HTML 14Page - STMicroelectronics STB45NF06T4 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
STB45NF06, STP45NF06
Packaging mechanical data
Doc ID 7433 Rev 5
13/15
TO-247 MECHANICAL DATA
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
A1
2.49
2.69
0.098
0.106
A2
0.03
0.23
0.001
0.009
B
0.7
0.93
0.027
0.036
B2
1.14
1.7
0.044
0.067
C
0.45
0.6
0.017
0.023
C2
1.23
1.36
0.048
0.053
D
8.95
9.35
0.352
0.368
D1
8
0.315
E
10
10.4
0.393
E1
8.5
0.334
G
4.88
5.28
0.192
0.208
L
15
15.85
0.590
0.625
L2
1.27
1.4
0.050
0.055
L3
1.4
1.75
0.055
0.068
M
2.4
3.2
0.094
0.126
R0.4
0.015
V2
D2PAK MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com