Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA-7296 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA-7296
Description  70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA-7296 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA-7296 Datasheet HTML 1Page - STMicroelectronics TDA-7296 Datasheet HTML 2Page - STMicroelectronics TDA-7296 Datasheet HTML 3Page - STMicroelectronics TDA-7296 Datasheet HTML 4Page - STMicroelectronics TDA-7296 Datasheet HTML 5Page - STMicroelectronics TDA-7296 Datasheet HTML 6Page - STMicroelectronics TDA-7296 Datasheet HTML 7Page - STMicroelectronics TDA-7296 Datasheet HTML 8Page - STMicroelectronics TDA-7296 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
TDA7296
2/15
Figure 3. Pin Connection
Table 2. Absolute Maximum Ratings
Table 3. Thermal Data
Figure 4. Block Diagram
Symbol
Parameter
Value
Unit
VS
Supply Voltage (No Signal)
±35
V
IO
Output Peak Current
5
A
Ptot
Power Dissipation Tcase = 70°C
50
W
Top
Operating Ambient Temperature Range
0 to 70
°C
Tstg, Tj
Storage and Junction Temperature
150
°C
Symbol
Parameter
Typ.
Max
Unit
Rth j-case
Thermal Resistance Junction-case
1
1.5
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com