Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CY22392FSXCT Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY22392FSXCT
Description  Three-PLL General Purpose Flash Programmable Clock Generator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY22392FSXCT Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY22392FSXCT Datasheet HTML 1Page - Cypress Semiconductor CY22392FSXCT Datasheet HTML 2Page - Cypress Semiconductor CY22392FSXCT Datasheet HTML 3Page - Cypress Semiconductor CY22392FSXCT Datasheet HTML 4Page - Cypress Semiconductor CY22392FSXCT Datasheet HTML 5Page - Cypress Semiconductor CY22392FSXCT Datasheet HTML 6Page - Cypress Semiconductor CY22392FSXCT Datasheet HTML 7Page - Cypress Semiconductor CY22392FSXCT Datasheet HTML 8Page - Cypress Semiconductor CY22392FSXCT Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CY22392
Three-PLL General Purpose
Flash Programmable Clock Generator
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 38-07013 Rev. *I
Revised January 24, 2013
Three-PLL General Purpose FLASH Programmable Clock Generator
Features
■ Three Integrated Phase-locked Loops
■ Ultra Wide Divide Counters (8-bit Q, 11-bit P, and 7-bit Post
Divide)
■ Improved Linear Crystal Load Capacitors
■ Flash Programmability
■ Field Programmable
■ Low-jitter, High-accuracy Outputs
■ Power Management Options (Shutdown, OE, Suspend)
■ Configurable Crystal Drive Strength
■ Frequency Select through three External LVTTL Inputs
■ 3.3 V Operation
■ 16-pin TSSOP and SOIC Packages
■ CyClocksRT™ Support
Benefits
■ Generates up to three unique frequencies on six outputs up to
200 MHz from an external source. Functional upgrade for
current CY2292 family.
■ Enables 0 ppm frequency generation and frequency
conversion under the most demanding applications.
■ Improves frequency accuracy over temperature, age, process,
and initial offset.
■ Nonvolatile programming enables easy customization, fast
turnaround, performance tweaking, design timing margin
testing, inventory control, lower part count, and more secure
product supply. In addition, any part in the family can also be
programmed multiple times, which reduces programming
errors and provides an easy upgrade path for existing designs.
■ In-house programming of samples and prototype quantities is
available using the CY3672 development kit. Production
quantities are available through Cypress Semiconductor’s
value added distribution partners or by using third party
programmers from BP Microsystems, HiLo Systems, and
others.
■ Performance
suitable
for
high-end
multimedia,
communications, industrial, A/D Converters, and consumer
applications.
■ Supports numerous low power application schemes and
reduces EMI by enabling unused outputs to be turned off.
■ Adjusts crystal drive strength for compatibility with virtually all
crystals.
■ 3-bit external frequency select options for PLL1, CLKA, and
CLKB.
■ Industry-standard supply voltage.
■ Industry-standard packaging saves on board space.
■ Easy to use software support for design entry.
XTALIN
XTALOUT
S2/SUSPEND
S1
S0
SHUTDOWN/OE
CONFIGURATION
FLASH
OSC.
XBUF
PLL1
CLKE
11 BIT P
8 BIT Q
PLL2
11 BIT P
8 BIT Q
PLL3
11 BIT P
8 BIT Q
4x4
Switch
Crosspoint
Divider
7 BIT
Divider
7 BIT
Divider
7 BIT
Divider
7 BIT
Divider
/2,3, or 4
CLKA
CLKB
CLKC
CLKD
Logic Block Diagram


Similar Part No. - CY22392FSXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22392FC CYPRESS-CY22392FC Datasheet
157Kb / 8P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392FC CYPRESS-CY22392FC Datasheet
344Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392FCT CYPRESS-CY22392FCT Datasheet
344Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392FI CYPRESS-CY22392FI Datasheet
157Kb / 8P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392FXC CYPRESS-CY22392FXC Datasheet
157Kb / 8P
Three-PLL General Purpose FLASH Programmable Clock Generator
More results

Similar Description - CY22392FSXCT

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY22381 CYPRESS-CY22381 Datasheet
143Kb / 8P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392 Datasheet
157Kb / 8P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY2292 CYPRESS-CY2292 Datasheet
189Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY2081 CYPRESS-CY2081 Datasheet
102Kb / 6P
Three-PLL General-Purpose EPROM-Programmable Clock Generator
CY2291 CYPRESS-CY2291_02 Datasheet
133Kb / 14P
Three-PLL General Purpose EPROM Programmable Clock Generator
CY2292 CYPRESS-CY2292_05 Datasheet
190Kb / 11P
Three-PLL General-Purpose EPROM Programmable Clock Generator
CY22381 CYPRESS-CY22381_08 Datasheet
346Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22392 CYPRESS-CY22392_08 Datasheet
344Kb / 9P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381 CYPRESS-CY22381_11 Datasheet
344Kb / 11P
Three-PLL General Purpose FLASH Programmable Clock Generator
CY22381_1105 CYPRESS-CY22381_1105 Datasheet
450Kb / 11P
Three-PLL General Purpose FLASH Programmable Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com