Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE39492 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE39492
Description  TNC Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE39492 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE39492 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE39492 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE39492 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TECHNICAL DATA SHEET
TECHNICAL DATA SHEET
1
Hand Formable TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable Using
PE-SR405FLJ Coax, RoHS
Pasternack’s formable cable assemblies are hand formable semi-rigid replacements that are an alternative to costly
preformed assemblies. The formable semi-rigid cable alternatives are dimensionally and electrically similar to their semi-
rigid counterpart and have a tinned-copper-braid outer shield that provides excellent RF shielding. The hand formable
cable assemblies from Pasternack do not require special tooling to shape or reshape the assemblies and can replace
standard semi-rigid versions. The assemblies are available with or without a PVC jacket and are RoHS compliant,
• Dimensionally and electrically the same as standard, solid outer conductor semi-rigid coax
• Cable may be formed by hand and does not require special tools to bend
• May be formed more than once without damaging the outer conductor
• High RF Shielding >100 dB
• 100% Hi-pot and continuity tested
• 100% VSWR tested to max frequency of assembly
• Standard and custom lengths ship the same day
Configuration
Connector 1
TNC Female Bulkhead
Connector 2
MMCX Plug Right Angle
Cable Type
PE-SR405FLJ
Electrical Specifications
Frequency Range, GHz
DC to 6
Impedance, Ohms
50
Maximum VSWR
1.35:1
Velocity of Propagation, %
69
RF Shielding, dB
100
Maximum Operating Voltage, Vrms
170
Typical Performance by Frequency
Frequency 1
Frequency, MHz
1000
Insertion Loss
0.225 dB/ft [ 0.74 dB/m ]
Frequency 2
Frequency, GHz
5
Insertion Loss
0.549 dB/ft [ 1.8 dB/m ]
Mechanical Specifications
Cable Assembly
Cable Type
PE-SR405FLJ
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventoryandcertifications: TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable Using PE-
SR405FLJ Coax, RoHS PE39492
PE39492 REV
PE39492
TNC Female Bulkhead to MMCX Plug Right Angle Semi-
Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS


Similar Part No. - PE39492

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39492-12 PASTERNACK-PE39492-12 Datasheet
404Kb / 4P
TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 12 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39492-18 PASTERNACK-PE39492-18 Datasheet
405Kb / 4P
TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 18 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39492-24 PASTERNACK-PE39492-24 Datasheet
404Kb / 4P
TNC Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Cable
PE39492-6 PASTERNACK-PE39492-6 Datasheet
405Kb / 4P
TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 6 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
PE39492-9 PASTERNACK-PE39492-9 Datasheet
404Kb / 4P
TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Cable 9 Inch Length Using PE-SR405FLJ Coax with HeatShrink, LF Solder, RoHS
More results

Similar Description - PE39492

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE39435 PASTERNACK-PE39435 Datasheet
340Kb / 3P
SMA Female Bulkhead to MCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39436 PASTERNACK-PE39436 Datasheet
339Kb / 3P
SMA Female Bulkhead to MMCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39490 PASTERNACK-PE39490 Datasheet
345Kb / 3P
SMA Male Right Angle to TNC Female Bulkhead Semi- Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39464 PASTERNACK-PE39464 Datasheet
340Kb / 3P
N Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39478 PASTERNACK-PE39478 Datasheet
343Kb / 3P
TNC Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable Using PE-SR405FL Coax, RoHS
PE39488 PASTERNACK-PE39488 Datasheet
334Kb / 3P
TNC Male to TNC Female Semi-Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39491 PASTERNACK-PE39491 Datasheet
345Kb / 3P
TNC Female Bulkhead to MCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39435 PASTERNACK-PE39435_15 Datasheet
376Kb / 4P
SMA Female Bulkhead to MCX Plug Right Angle Semi- Flexible Precision Cable Using PE-SR405FLJ Coax, RoHS
PE39464-6 PASTERNACK-PE39464-6 Datasheet
376Kb / 4P
N Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 6 Inch Length Using PE-SR405FLJ Coax, RoHS
PE39464-9 PASTERNACK-PE39464-9 Datasheet
376Kb / 4P
N Female Bulkhead to MMCX Plug Right Angle Semi-Flexible Precision Cable 9 Inch Length Using PE-SR405FLJ Coax, RoHS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com