Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900SD-2.0/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP5900SD-2.0/NOPB
Description  LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5900SD-2.0/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP5900SD-2.0/NOPB Datasheet HTML 1Page - Texas Instruments LP5900SD-2.0/NOPB Datasheet HTML 2Page - Texas Instruments LP5900SD-2.0/NOPB Datasheet HTML 3Page - Texas Instruments LP5900SD-2.0/NOPB Datasheet HTML 4Page - Texas Instruments LP5900SD-2.0/NOPB Datasheet HTML 5Page - Texas Instruments LP5900SD-2.0/NOPB Datasheet HTML 6Page - Texas Instruments LP5900SD-2.0/NOPB Datasheet HTML 7Page - Texas Instruments LP5900SD-2.0/NOPB Datasheet HTML 8Page - Texas Instruments LP5900SD-2.0/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
1 VOUT
2 N/C
3 GND
VIN 6
N/C 5
PAD
GND
Bottom View
Device
Code
VOUT 1
N/C 2
GND 3
6 VIN
5 N/C
PAD
GND
Top View
4 VEN
V EN 4
B1
A1
B2
A2
V
OUT
GND
V
IN
V
EN
B1
A1
B2
A2
V
OUT
GND
V
IN
V
EN
TOP VIEW
BOTTOM VIEW
LP5900
SNVS358O – JULY 2005 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The device is designed to work with 0.47
μF input and output ceramic capacitors. (No Bypass Capacitor is
required)
The device is available in DSBGA (YZR) package and WSON package. Also available in Extreme Thin SDBGA
(YPF) package. For all other package options, contact your local Texas Instruments sales office.
This device is available with 1.5V,1.575V, 1.8V, 1.9V, 2.0V, 2.1V, 2.2V, 2.3V, 2.5V, 2.6V, 2.65V, 2.7V, 2.75V
2.8V, 2.85V 3.0V, 3.3V and 4.5V outputs. Please contact your local sales office for any other voltage options.
Connection Diagrams
Figure 1. 4-Bump Thin DSBGA (YZR) Package and Extreme Thin DSBGA (YPF) Package, Large Bump
(See Package Number YZR0004/YPF0004)
Figure 2. WSON-6 Package
(See Package Number NGF0006A)
PIN DESCRIPTIONS
Pin No.
Symbol
Name and Function
DSBGA
WSON
A1
4
VEN
Enable input; disables the regulator when
≤ 0.4V. Enables the regulator when ≥
1.2V. An internal 1 M
Ω pulldown resistor connects this input to ground.
B1
3
GND
Common ground
B2
1
VOUT
Output voltage. A 0.47
μF Low ESR capacitor should be connected to this Pin.
Connect this output to the load circuit.
A2
6
VIN
Input voltage supply. A 0.47 µF capacitor should be connected at this input.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LP5900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com