Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5100ASD Datasheet(PDF) 10 Page - Texas Instruments

Part # LM5100ASD
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5100ASD Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5100ASD Datasheet HTML 6Page - Texas Instruments LM5100ASD Datasheet HTML 7Page - Texas Instruments LM5100ASD Datasheet HTML 8Page - Texas Instruments LM5100ASD Datasheet HTML 9Page - Texas Instruments LM5100ASD Datasheet HTML 10Page - Texas Instruments LM5100ASD Datasheet HTML 11Page - Texas Instruments LM5100ASD Datasheet HTML 12Page - Texas Instruments LM5100ASD Datasheet HTML 13Page - Texas Instruments LM5100ASD Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
7
8
9
10
11
12
13
14
15
VDD (V)
0.10
0.15
0.35
0.20
0.25
0.30
LM5100B/LM5101B
LM5100A/LM5101A
IOUT = 100 mA
LM5100C/LM5101C
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
0.00
0.50
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12V
7
8
9
10
11
12
13
14
VDD (V)
15
0.1
0.8
0.2
0.3
0.4
0.5
0.6
0.7
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
IOUT = -100 mA
T_PLH
T_PHL
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
15
25
30
35
40
20
-50 -25
0
25
50
75 100 125 150
TEMPERATURE (°C)
0.0
1.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
LM5100B/LM5101B
LM5100C/LM5101C
LM5100A/LM5101A
VDD = 12V
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
www.ti.com
Typical Performance Characteristics (continued)
LM5101A/B/C Propagation Delay
LO & HO Gate Drive - High Level Output Voltage
vs
vs
Temperature
Temperature
Figure 19.
Figure 20.
LO & HO Gate Drive - Low Level Output Voltage
LO & HO Gate Drive - Output High Voltage
vs
vs
Temperature
VDD
Figure 21.
Figure 22.
LO & HO Gate Drive - Output Low Voltage
vs
VDD
Figure 23.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com