Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2575HVT-15/NOPB Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # LM2575HVT-15/NOPB
Description  LM1575/LM2575/LM2575HV SIMPLE SWITCHER 1A Step-Down Voltage Regulator
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2575HVT-15/NOPB Datasheet(HTML) 29 Page - Texas Instruments

Back Button LM2575HVT-15/NOPB Datasheet HTML 25Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 26Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 27Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 28Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 29Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 30Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 31Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 32Page - Texas Instruments LM2575HVT-15/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Apr-2013
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Op Temp (°C)
Top-Side Markings
(4)
Samples
LM2575HVT-5.0
ACTIVE
TO-220
KC
5
45
TBD
Call TI
Call TI
-40 to 125
LM2575HVT
-5.0 P+
LM2575HVT-5.0/LB03
ACTIVE
TO-220
NDH
5
45
TBD
Call TI
Call TI
LM2575HVT
-5.0 P+
LM2575HVT-5.0/LF03
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM2575HVT
-5.0 P+
LM2575HVT-5.0/NOPB
ACTIVE
TO-220
KC
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2575HVT
-5.0 P+
LM2575HVT-ADJ
ACTIVE
TO-220
KC
5
45
TBD
Call TI
Call TI
-40 to 125
LM2575HVT
-ADJ P+
LM2575HVT-ADJ/LB03
ACTIVE
TO-220
NDH
5
45
TBD
Call TI
Call TI
LM2575HVT
-ADJ P+
LM2575HVT-ADJ/LF03
ACTIVE
TO-220
NDH
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
LM2575HVT
-ADJ P+
LM2575HVT-ADJ/NOPB
ACTIVE
TO-220
KC
5
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2575HVT
-ADJ P+
LM2575M-5.0
ACTIVE
SOIC
DW
24
30
TBD
Call TI
Call TI
-40 to 125
LM2575M
-5.0 P+
LM2575M-5.0/NOPB
ACTIVE
SOIC
DW
24
30
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LM2575M
-5.0 P+
LM2575M-ADJ
ACTIVE
SOIC
DW
24
30
TBD
Call TI
Call TI
-40 to 125
LM2575M
-ADJ P+
LM2575M-ADJ/NOPB
ACTIVE
SOIC
DW
24
30
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LM2575M
-ADJ P+
LM2575MX-5.0
ACTIVE
SOIC
DW
24
1000
TBD
Call TI
Call TI
-40 to 125
LM2575M
-5.0 P+
LM2575MX-5.0/NOPB
ACTIVE
SOIC
DW
24
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LM2575M
-5.0 P+
LM2575MX-ADJ
ACTIVE
SOIC
DW
24
1000
TBD
Call TI
Call TI
-40 to 125
LM2575M
-ADJ P+
LM2575MX-ADJ/NOPB
ACTIVE
SOIC
DW
24
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-3-260C-168 HR
-40 to 125
LM2575M
-ADJ P+
LM2575N-5.0
ACTIVE
PDIP
NBG
16
20
TBD
Call TI
Call TI
-40 to 125
LM2575N
-5.0 P+
LM2575N-5.0/NOPB
ACTIVE
PDIP
NBG
16
20
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
-40 to 125
LM2575N
-5.0 P+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com