Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM35CH/NOPB Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM35CH/NOPB
Description  LM35 Precision Centigrade Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CH/NOPB Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM35CH/NOPB Datasheet HTML 2Page - Texas Instruments LM35CH/NOPB Datasheet HTML 3Page - Texas Instruments LM35CH/NOPB Datasheet HTML 4Page - Texas Instruments LM35CH/NOPB Datasheet HTML 5Page - Texas Instruments LM35CH/NOPB Datasheet HTML 6Page - Texas Instruments LM35CH/NOPB Datasheet HTML 7Page - Texas Instruments LM35CH/NOPB Datasheet HTML 8Page - Texas Instruments LM35CH/NOPB Datasheet HTML 9Page - Texas Instruments LM35CH/NOPB Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
0
20
40
60
80
100
120
140
160
±75
±25
25
75
125
175
TEMPERATURE (
ƒC)
C006
2.4
2.6
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
±75
±25
25
75
125
175
TEMPERATURE (
ƒC)
C005
TYPICAL
I
OUT = 2.0 mA
TYPICAL
I
OUT = 1.0 mA
TYPICAL
I
OUT = 0
A or 50 A
±20
0
20
40
60
80
100
120
0
2
4
6
8
TIME (MINUTES)
C003
±20
0
20
40
60
80
100
120
0
2
4
6
8
TIME (SEC)
C004
T0-46
T0-92
0
100
200
300
400
0
400
800
1200
1600
2000
AIR VELOCITY (FPM)
C001
T0-46
T0-92
0
5
10
15
20
25
30
35
40
45
0
400
800
1200
1600
2000
AIR VELOCITY (FPM)
C002
T0-46
T0-92
LM35
SNIS159C – AUGUST 1999 – REVISED JULY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS
THERMAL RESISTANCE
JUNCTION TO AIR
THERMAL TIME CONSTANT
Figure 3.
Figure 4.
THERMAL RESPONSE IN STILL AIR
THERMAL RESPONSE IN STIRRED OIL BATH
Figure 5.
Figure 6.
QUIESCENT CURRENT
MINIMUM SUPPLY VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
(IN CIRCUIT OF Figure 1)
Figure 7.
Figure 8.
6
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com