Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM35CZ/NOPB Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LM35CZ/NOPB
Description  LM35 Precision Centigrade Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35CZ/NOPB Datasheet(HTML) 15 Page - Texas Instruments

Back Button LM35CZ/NOPB Datasheet HTML 11Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 12Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 13Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 14Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 15Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 16Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 17Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 18Page - Texas Instruments LM35CZ/NOPB Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
LM35
+
OUT
GND
75
1 PF
16 k
ADC0804
+
2 k
1 k
+
IN
V
REF
0.64 V
5 V
8
PARALLEL
DATA
OUTPUT
INTR
CS
RD
WR
GND
LM35
www.ti.com
SNIS159C – AUGUST 1999 – REVISED JULY 2013
Figure 25. Temperature To Digital Converter
(Parallel TRI-STATE Outputs for Standard Data Bus to
μP Interface.)
(128°C Full Scale)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com