Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM5101AM Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5101AM
Description  3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5101AM Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5101AM Datasheet HTML 9Page - Texas Instruments LM5101AM Datasheet HTML 10Page - Texas Instruments LM5101AM Datasheet HTML 11Page - Texas Instruments LM5101AM Datasheet HTML 12Page - Texas Instruments LM5101AM Datasheet HTML 13Page - Texas Instruments LM5101AM Datasheet HTML 14Page - Texas Instruments LM5101AM Datasheet HTML 15Page - Texas Instruments LM5101AM Datasheet HTML 16Page - Texas Instruments LM5101AM Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
1
10
100
1000
SWITCHING FREQUENCY (kHz)
0.001
0.010
0.100
CL = 4400 pF
CL = 0 pF
LM5100A, LM5100B, LM5100C, LM5101A, LM5101B, LM5101C
www.ti.com
SNOSAW2P – SEPTEMBER 2006 – REVISED MARCH 2013
The bootstrap diode power loss is the sum of the forward bias power loss that occurs while charging the
bootstrap capacitor and the reverse bias power loss that occurs during reverse recovery. Since each of these
events happens once per cycle, the diode power loss is proportional to frequency. Larger capacitive loads
require more energy to recharge the bootstrap capacitor resulting in more losses. Higher input voltages (VIN) to
the half bridge result in higher reverse recovery losses. The following plot was generated based on calculations
and lab measurements of the diode recovery time and current under several operating conditions. This can be
useful for approximating the diode power dissipation.
The total IC power dissipation can be estimated from the previous plots by summing the gate drive losses with
the bootstrap diode losses for the intended application.
Figure 26. Diode Power Dissipation VIN = 50V
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM5100A LM5100B LM5100C LM5101A LM5101B LM5101C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com