Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM35DM Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM35DM
Description  LM35 Precision Centigrade Temperature Sensors
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM35DM Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM35DM Datasheet HTML 7Page - Texas Instruments LM35DM Datasheet HTML 8Page - Texas Instruments LM35DM Datasheet HTML 9Page - Texas Instruments LM35DM Datasheet HTML 10Page - Texas Instruments LM35DM Datasheet HTML 11Page - Texas Instruments LM35DM Datasheet HTML 12Page - Texas Instruments LM35DM Datasheet HTML 13Page - Texas Instruments LM35DM Datasheet HTML 14Page - Texas Instruments LM35DM Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
LM35
+
OUT
VOUT = 10 mV/°C (TAMBIENT = 10 °C)
FROM t 5 °C TO + 40 °C
5 V
200
1%
200
1%
TWISTED PAIR
0.01 PF
BYPASS
OPTIONAL
2 k
1%
2 k
1%
+V
S
LM35
18 k
10%
V
OUT
+
v
1N914
LM35
www.ti.com
SNIS159C – AUGUST 1999 – REVISED JULY 2013
Figure 18. Temperature Sensor, Single Supply
(
−55° to +150°C)
Figure 19. Two-Wire Remote Temperature Sensor
(Output Referred to Ground)
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com