Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP5900TL-2.65/NOPB Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP5900TL-2.65/NOPB
Description  LP5900 Ultra Low Noise, 150 mA Linear Regulator for RF/Analog Circuits Requires No Bypass Capacitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP5900TL-2.65/NOPB Datasheet(HTML) 5 Page - Texas Instruments

  LP5900TL-2.65/NOPB Datasheet HTML 1Page - Texas Instruments LP5900TL-2.65/NOPB Datasheet HTML 2Page - Texas Instruments LP5900TL-2.65/NOPB Datasheet HTML 3Page - Texas Instruments LP5900TL-2.65/NOPB Datasheet HTML 4Page - Texas Instruments LP5900TL-2.65/NOPB Datasheet HTML 5Page - Texas Instruments LP5900TL-2.65/NOPB Datasheet HTML 6Page - Texas Instruments LP5900TL-2.65/NOPB Datasheet HTML 7Page - Texas Instruments LP5900TL-2.65/NOPB Datasheet HTML 8Page - Texas Instruments LP5900TL-2.65/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
LP5900
www.ti.com
SNVS358O – JULY 2005 – REVISED MAY 2013
Electrical Characteristics (continued)
Limits in standard typeface are for TA = 25ºC. Limits in boldface type apply over the full operating junction temperature range
(-40°C
≤ TJ ≤ +125°C). Unless otherwise noted, specifications apply to the LP5900 Typical Application Circuit (pg. 1) with: VIN
= VOUT (NOM) + 1.0V, VEN = 1.2V, CIN = COUT = 0.47 μF, IOUT = 1.0 mA.
(1), (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IEN
Input Current at VEN Pin
VEN = 5.5V and VIN = 5.5V
5.5
μA
(9)
VEN = 0.0V and VIN = 5.5V
0.001
Transient Characteristics
ΔVOUT
Line Transient
VIN = (VOUT(NOM) + 1.0V) to (VOUT(NOM) +
−2
(8)
1.6V) in 30
μs, IOUT = 1 mA
mV
VIN = (VOUT(NOM) + 1.6V) to (VOUT(NOM) +
2
1.0V) in 30
μs, IOUT = 1 mA
Load Transient
IOUT = 1 mA to 150 mA in 10 μs
−110
mV
(8)
IOUT = 150 mA to 1 mA in 10 μs
50
Overshoot on Startup
20
mV
(8)
Turn on Time
To 95% of VOUT(NOM)
150
300
μs
(9)
There is a 1 M
Ω resistor between VEN and ground on the device.
Output & Input Capacitor, Recommended Specifications
Symbol
Parameter
Conditions
Min
Nom
Max
Units
CIN
Input Capacitance
Capacitance for stability
0.33
0.47
µF
COUT
Output Capacitance
0.33
0.47
10
ESR
Output/Input Capacitance
5
500
m
Ω
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5900



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com